Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK615N4F8AG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STK615N4F8AG
Description  Automotive N‑channel 40 V, 0.48 mΩ max., 672 A STripFET F8 Power MOSFET in a PowerLeaded 8x8 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK615N4F8AG Datasheet(HTML) 2 Page - STMicroelectronics

  STK615N4F8AG Datasheet HTML 1Page - STMicroelectronics STK615N4F8AG Datasheet HTML 2Page - STMicroelectronics STK615N4F8AG Datasheet HTML 3Page - STMicroelectronics STK615N4F8AG Datasheet HTML 4Page - STMicroelectronics STK615N4F8AG Datasheet HTML 5Page - STMicroelectronics STK615N4F8AG Datasheet HTML 6Page - STMicroelectronics STK615N4F8AG Datasheet HTML 7Page - STMicroelectronics STK615N4F8AG Datasheet HTML 8Page - STMicroelectronics STK615N4F8AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings (at TC = 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate-source voltage
±20
V
ID(1)
Drain current (continuous) at TC = 25 °C(2)
672
A
Drain current (continuous) at TC = 100 °C(2)
475
Drain current (continuous) at TC = 25 °C(3)
200
IDM(1)(2)(4)
Drain current (pulsed), tp = 10 µs
2688
A
PTOT
Total power dissipation at TC = 25 °C
390
W
IAS
Single pulse avalanche current (pulse width limited by TJ max.)
90
A
EAS
Single pulse avalanche energy (starting TJ = 25 °C, ID = 90 A, RGmin = 25 Ω)
1779
mJ
TJ
Operating junction temperature range
-55 to 175
°C
Tstg
Storage temperature range
°C
1. Specified by design, not tested in production.
2. This is the theoretical current value only related to the silicon.
3. This current value is limited by package.
4. Pulse width is limited by safe operating area.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJA(1)
Thermal resistance, junction-to-ambient (on 2s2p FR-4 board vertical in still area)
13.8
°C/W
RthJC
Thermal resistance, junction-to-case
0.39
°C/W
1. Defined according to JEDEC standards (JESD51-5, -7).
STK615N4F8AG
Electrical ratings
DS14222 - Rev 5
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com