Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK615N4F8AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STK615N4F8AG
Description  Automotive N‑channel 40 V, 0.48 mΩ max., 672 A STripFET F8 Power MOSFET in a PowerLeaded 8x8 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK615N4F8AG Datasheet(HTML) 3 Page - STMicroelectronics

  STK615N4F8AG Datasheet HTML 1Page - STMicroelectronics STK615N4F8AG Datasheet HTML 2Page - STMicroelectronics STK615N4F8AG Datasheet HTML 3Page - STMicroelectronics STK615N4F8AG Datasheet HTML 4Page - STMicroelectronics STK615N4F8AG Datasheet HTML 5Page - STMicroelectronics STK615N4F8AG Datasheet HTML 6Page - STMicroelectronics STK615N4F8AG Datasheet HTML 7Page - STMicroelectronics STK615N4F8AG Datasheet HTML 8Page - STMicroelectronics STK615N4F8AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 3. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
40
-
-
V
IDSS
Zero gate voltage drain current
VDS = 40 V, VGS = 0 V
-
-
1
µA
VDS = 40 V, VGS = 0 V,
TJ = 125°C(1)
-
-
100
IGSS
Gate-body leakage current
VGS = 20 V, VDS = 0 V
-
-
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 μA
2
-
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 90 A
-
0.35
0.48
mΩ
1. Specified by design and evaluated by characterization, not tested in production.
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss(1)
Input capacitance
VDS = 25 V, f = 1 MHz, VGS = 0 V
-
13000
-
pF
Coss(1)
Output capacitance
-
3400
-
pF
Crss(1)
Reverse transfer capacitance
-
85
-
pF
Qg(1)
Total gate charge
VDD = 20 V, ID = 180 A, VGS = 0 to 10 V
-
162
-
nC
Qgs(1)
Gate-source charge
-
62
-
nC
Qgd(1)
Gate-drain charge
-
20
-
nC
1. Specified by design and evaluated by characterization, not tested in production.
Table 5. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)(1)
Turn-on delay time
VDD = 20 V, ID = 90 A,
RG = 4.7 Ω, VGS = 10 V
-
36
-
ns
tr(1)
Rise time
-
21
-
ns
td(off)(1)
Turn-off delay time
-
93
-
ns
tf(1)
Fall time
-
30
-
ns
1. Specified by design and evaluated by characterization, not tested in production.
STK615N4F8AG
Electrical characteristics
DS14222 - Rev 5
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com