Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8874PWPR Datasheet(PDF) 39 Page - Texas Instruments

Part # DRV8874PWPR
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button DRV8874PWPR Datasheet HTML 34Page - Texas Instruments DRV8874PWPR Datasheet HTML 35Page - Texas Instruments DRV8874PWPR Datasheet HTML 36Page - Texas Instruments DRV8874PWPR Datasheet HTML 37Page - Texas Instruments DRV8874PWPR Datasheet HTML 38Page - Texas Instruments DRV8874PWPR Datasheet HTML 39Page - Texas Instruments DRV8874PWPR Datasheet HTML 40Page - Texas Instruments DRV8874PWPR Datasheet HTML 41Page - Texas Instruments DRV8874PWPR Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
C
14X 0.65
2X
4.55
16X
0.30
0.19
TYP
6.6
6.2
0.15
0.05
0.25
GAGE PLANE
-8
0
1.2 MAX
3.55
2.68
2.46
1.75
B
4.5
4.3
A
NOTE 3
5.1
4.9
0.75
0.50
(0.15) TYP
PowerPAD TSSOP - 1.2 mm max height
PWP0016J
SMALL OUTLINE PACKAGE
4223595/A 03/2017
1
8
9
16
0.1
C A B
PIN 1 INDEX
AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
SEATING
PLANE
TM
PowerPAD is a trademark of Texas Instruments.
A 20
DETAIL A
TYPICAL
SCALE 2.500
THERMAL
PAD
1
8
9
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com