Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8874PWPR Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV8874PWPR
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPR Datasheet(HTML) 4 Page - Texas Instruments

  DRV8874PWPR Datasheet HTML 1Page - Texas Instruments DRV8874PWPR Datasheet HTML 2Page - Texas Instruments DRV8874PWPR Datasheet HTML 3Page - Texas Instruments DRV8874PWPR Datasheet HTML 4Page - Texas Instruments DRV8874PWPR Datasheet HTML 5Page - Texas Instruments DRV8874PWPR Datasheet HTML 6Page - Texas Instruments DRV8874PWPR Datasheet HTML 7Page - Texas Instruments DRV8874PWPR Datasheet HTML 8Page - Texas Instruments DRV8874PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
DRV8874
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply pin voltage
VM
–0.3
40
V
Voltage difference between ground pins
GND, PGND
–0.3
0.3
V
Charge pump pin voltage
CPH, VCP
VVM – 0.3
VVM + 7
V
Charge pump low-side pin voltage
CPL
–0.3
VVM + 0.3
V
Logic pin voltage
EN/IN1, IMODE, nSLEEP, PH/IN2,
PMODE
–0.3
5.75
V
Open-drain output pin voltage
nFAULT
–0.3
5.75
V
Output pin voltage
OUT1, OUT2
–0.9
VVM + 0.9
V
Output pin current
OUT1, OUT2
Internally
Limited
Internally
Limited
A
Proportional current output pin voltage
IPROPI
–0.3
5.75
V
–0.3
VVM + 0.3
V
Reference input pin voltage
VREF
–0.3
5.75
V
Ambient temperature, TA
–40
125
°C
Junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as ± 2000
V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ± 500
V may actually have higher performance.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
Power dissipation and thermal limits must be observed
6.3 Recommended Operating Conditions
over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VVM
Power supply voltage
VM
4.5
37
V
VIN
Logic input voltage
EN/IN1, MODE, nSLEEP, PH/IN2
0
5.5
V
fPWM
PWM frequency
EN/IN1, PH/IN2
0
100
kHz
VOD
Open drain pullup voltage
nFAULT
0
5.5
V
IOD
Open drain output current
nFAULT
0
5
mA
IOUT
(1)
Peak output current
OUT1, OUT2
0
6
A
IIPROPI
Current sense output current
IPROPI
0
3
mA
VVREF
Current limit reference voltage
VREF
0
3.6
V
TA
Operating ambient temperature
–40
125
°C
TJ
Operating junction temperature
–40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com