Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8874PWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8874PWPR
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8874PWPR Datasheet HTML 4Page - Texas Instruments DRV8874PWPR Datasheet HTML 5Page - Texas Instruments DRV8874PWPR Datasheet HTML 6Page - Texas Instruments DRV8874PWPR Datasheet HTML 7Page - Texas Instruments DRV8874PWPR Datasheet HTML 8Page - Texas Instruments DRV8874PWPR Datasheet HTML 9Page - Texas Instruments DRV8874PWPR Datasheet HTML 10Page - Texas Instruments DRV8874PWPR Datasheet HTML 11Page - Texas Instruments DRV8874PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
438
440
442
444
446
448
450
452
454
456
458
460
74_A
IOUT = 0.3 A
IOUT = 0.4 A
IOUT = 1 A
IOUT = 2 A
IOUT = 4 A
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
436
438
440
442
444
446
448
450
452
454
456
74_A
IOUT = 0.3 A
IOUT = 0.4 A
IOUT = 1 A
IOUT = 2 A
IOUT = 4 A
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
0.065
0.07
0.075
0.08
0.085
0.09
0.095
0.1
0.105
0.11
0.115
0.12
0.125
0.13
0.135
0.14
74_L
VVM = 4.5 V
VVM = 13.5 V
VVM = 24 V
VVM = 37 V
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
0.07
0.075
0.08
0.085
0.09
0.095
0.1
0.105
0.11
0.115
0.12
0.125
0.13
0.135
0.14
74_H
VVM = 4.5 V
VVM = 13.5 V
VVM = 24 V
VVM = 37 V
VM Supply Voltage (V)
0
5
10
15
20
25
30
35
40
2.76
2.79
2.82
2.85
2.88
2.91
2.94
2.97
3
3.03
3.06
74_I
TJ = -40°C
TJ = 25°C
TJ = 125°C
TJ = 150°C
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
2.775
2.8
2.825
2.85
2.875
2.9
2.925
2.95
2.975
3
3.025
3.05
74_I
VVM = 4.5 V
VVM = 13.5 V
VVM = 24 V
VVM = 37 V
VM Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
0.2
0.4
0.6
0.8
1
1.2
1.4
74_I
TJ = -40°C
TJ = 25°C
TJ = 125°C
TJ = 150°C
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
74_I
VVM = 4.5 V
VVM = 13.5 V
VVM = 24 V
VVM = 37 V
8
DRV8874
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.6 Typical Characteristics
Figure 2. Sleep Current (IVMQ) vs. Supply Voltage (VVM)
Figure 3. Sleep Current (IVMQ) vs. Junction Temperature
Figure 4. Active Current (IVM) vs. Supply Voltage (VVM)
Figure 5. Active Current (IVM) vs. Junction Temperature
Figure 6. Low-Side RDS(on) vs. Junction Temperature
Figure 7. High-Side RDS(on) vs. Junction Temperature
Figure 8. OUT1 Current Sense Error vs. Junction
Temperature
Figure 9. OUT2 Current Sense Error vs. Junction
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com