Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB35000 Datasheet(PDF) 13 Page - STMicroelectronics

Part # CB35000
Description  HCMOS STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB35000 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button CB35000 Datasheet HTML 8Page - STMicroelectronics CB35000 Datasheet HTML 9Page - STMicroelectronics CB35000 Datasheet HTML 10Page - STMicroelectronics CB35000 Datasheet HTML 11Page - STMicroelectronics CB35000 Datasheet HTML 12Page - STMicroelectronics CB35000 Datasheet HTML 13Page - STMicroelectronics CB35000 Datasheet HTML 14Page - STMicroelectronics CB35000 Datasheet HTML 15Page - STMicroelectronics CB35000 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
CB35000 SERIES
®
Note 1.
These are normal Voltage and extended temperature specifications
Vdd from 3.0 V to 3.6 V
Temperature Ambient from -55 to 125 degrees Centigrade
Note 2.
Adherence to rules in Power Pin / Pad Specifications Required
Note 3.
Refer to the CB35000 Standard Cell Specification for full Testing Levels and Conditions
Note 4.
Buffers offered in 2, 4, 8, 12, 16, and 24 mA TTL options
Note 1.
These are extended voltage and temperature specifications
Vdd from 2.7 V to 3.6 V
Temperature Ambient from -55 to 125 degrees Centigrade
Note 2.
Adherence to rules in Power Pin / Pad Specifications Required
Note 3.
Refer to the CB35000 Standard Cell Specification for full Testing Levels and Conditions
Note 4.
Buffers offered in 2, 4, and 8 mA CMOS options
Note 5.
Note only one CMOS buffer may sink or source DC current when parametric measurements are taken due to the reason that the
power supply specifications for CMOS product are not written to support DC current. If more than one buffer is active voltage
drops in the supply may cause false failure readings.
Note 6.
If no buffers are sinking or sourcing current and all internal pull up or pull down resistors in bidi buffers have been disabled by
having the T2 Test Pin positive Vol (max) = 0.05 Volts and Voh (min)=Vdd-0.05 Volts
Table 9
LVTTL Interface DC Electrical Characteristics (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
Vil
Low Level Input Voltage
0.8
Volts
2,3
Vih
High Level Input Voltage
2.0
Volts
2,3
Vol
Low Level Output Voltage
Iol = Rated Buffer
Current
0.2
0.4
Volts
2,3,4
Voh
High Level Output Voltage
Ioh = Rated Buffer
Current
2.4
3.0
Volts
2,3,4
Vt +
Schmitt Trigger +Ve
Threshold
1.7
1.9
Volts
2,3
Vt -
Schmitt Trigger -Ve
Threshold
0.9
1.1
Volts
2,3
Table 10 LVCMOS Interface DC Electrical Characteristics (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
Vil
Low Level Input Voltage
0.2xVdd
Volts
2,3,4
Vih
High Level Input Voltage
0.8 x
Vdd
Volts
2,3,4
Vol
Low Level Output Voltage
Iol = Rated
Buffer
Current
0.2
0.4
Volts
2,3,4,5,6
Voh
High Level Output Voltage
Ioh = Rated
Buffer
Current
0.85
x
Vdd
0.9
x
Vdd
Volts
2,3,4,5,6
Vt +
Schmitt Trigger +Ve
Threshold
1.7
1.9
Volts
2,3
Vt -
Schmitt Trigger -Ve
Threshold
0.9
1.1
Volts
2,3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com