Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB35000 Datasheet(PDF) 2 Page - STMicroelectronics

Part # CB35000
Description  HCMOS STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB35000 Datasheet(HTML) 2 Page - STMicroelectronics

  CB35000 Datasheet HTML 1Page - STMicroelectronics CB35000 Datasheet HTML 2Page - STMicroelectronics CB35000 Datasheet HTML 3Page - STMicroelectronics CB35000 Datasheet HTML 4Page - STMicroelectronics CB35000 Datasheet HTML 5Page - STMicroelectronics CB35000 Datasheet HTML 6Page - STMicroelectronics CB35000 Datasheet HTML 7Page - STMicroelectronics CB35000 Datasheet HTML 8Page - STMicroelectronics CB35000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CB35000 SERIES
2/16
®
GENERAL DISCRIPTION
The CB35000 standard cell series uses a high
performance, low voltage, triple level metal,
HCMOS5S 0.5 micron process to achieve sub-
nanosecond internal speeds while offering very
low power dissipation and high noise immunity.
With an average gate density of 5500 gates/mm2,
the CB35000 family allows the design of highly
complex devices. The potential available gate
count ranges above 1.5 Million equivalent gates.
Devices can operate over a Vdd voltage range of
2.7 to 3.6 volts.
The I/O count for this array family ranges to over
600 signals and 800 pins dependent upon the
package technology utilized. A Sea of I/O
approach has been followed to give a solution to
CONVENTIONAL VIA LAYOUT
STACKED VIA LAYOUT
SUBSTRATE
ISOLATION
GATE
CONTACT
METAL 1
METAL 2
METAL 3
1st VIA
2nd VIA
3rd DIELECTRIC
2nd DIELECTRIC
1st DIELECTRIC
AREA SAVINGS UP TO 20% FOR RANDOM LOGIC
SIMPLIFIED ROUTING AND DESIGN RULE CHECKING
CONTACT / VIA
PLUGS
Figure 1
Advantages of stacked contacts and vias
today’s problems of drive levels and specialized
interface standards. The technology does not
utilize a set bond pad spacing but allows for pad
spacings from 80 microns upwards. The I/O is
fully compatible with that of the ISB35000
Structured Array family.
The I/O can be configured for circuits ranging
from low voltage CMOS and TTL to 350 mHz
plus low swing differential circuits. Standards like
GTL, SCSI-2, 3.3 Volt PCI, CTI, and a limited set
of
5.0
Volt
interfaces
are
currently
being
addressed. A specialized set of impedance
matched transmission line driver LVTTL type
circuits are also available with 25, 35, 45, and 55
Ohm output impedance. These buffers sacrifice
direct current capabilities for matching positive
and negative voltage and current waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com