Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB35000 Datasheet(PDF) 4 Page - STMicroelectronics

Part # CB35000
Description  HCMOS STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB35000 Datasheet(HTML) 4 Page - STMicroelectronics

  CB35000 Datasheet HTML 1Page - STMicroelectronics CB35000 Datasheet HTML 2Page - STMicroelectronics CB35000 Datasheet HTML 3Page - STMicroelectronics CB35000 Datasheet HTML 4Page - STMicroelectronics CB35000 Datasheet HTML 5Page - STMicroelectronics CB35000 Datasheet HTML 6Page - STMicroelectronics CB35000 Datasheet HTML 7Page - STMicroelectronics CB35000 Datasheet HTML 8Page - STMicroelectronics CB35000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CB35000 SERIES
4/16
®
LIBRARY
The following section details the elements which
make up the CB35000 Series library. The
elements are organized into three categories:
1. Macrocell
library
with
Input,
Output,
Bidirectional
Buffers
including
JTAG
macrocells and Core cells.
2. Macrofunctions
3. Module generators.
I/O BUFFERS
CB35000 technology does not utilize a standard
type I/O cell but is a leader in the emerging Sea
of I/O approach to handling the chip interface
problem. This approach starts at the bond pad
area of the I/O where the pad size and pitch is not
determined
until
the
customers
choice
of
packaging, signal interface standards and I/O
count is considered. Wire bond pad spacings for
80 micron centres are available where large
signal counts are most important.
Pad spacing can be increased incrementally. It is
expected that most designs will use 100 micron
spacings or above. It is also possible to use
different spacings for different width output
sections when needed within the same device.
Along with the variable bond pad spacing the I/O
output transistor section does not have a fixed
width. Previous technologies utilized a design
approach where the desired full function buffer
was designed for a maximum current taking one
pad location with the usual current in the range of
twenty four milliamps. The approach followed in
CB35000 is to have identical twenty five micron
wide output transistor slices stepped around the
die. Each slice contains one set of protection
diodes to the external power rails and eight P and
eight
N
transistors.
The
transistors
are
specifically laid out and selectively non salicided
for ESD protection and latch up prevention.
These slices are paralleled to meet the current
needs of the user, for example, to construct a
24mA sink and 12mA source LVTTL buffer, a
number of slices would be used. The next group
of devices that makes up the I/O circuits is again
a 25u wide slice of specialized transistors that are
utilized to form the slew rate control sections of
the I/O. Each of these slices has circuits to
control the switching of up two sections of P and
N output transistors. These sections are of
course created from the output transistor slice
above the slew rate section and can be
connected as desired by the designer. Many
configurations of circuits can be created to supply
the desired results with slew rate slices paralleled
with multiple output sections. A further function of
the I/O circuits is current spike suppression
during switching of the I/O transistors. The logic
utilized causes the conducting transistors to turn
off before the opposing set of transistors turn on.
Figure 3
IO Buffer Technology
INPUT
CONTROL
SLEW RATE
TRISTATE
BUSKEEPER
LEVEL SHIFTER
PROGRAMMABLE
PITCH BOND PADS
DIE CORE
GUARDRING
EDGE OF DIE
SEGMENTED
OUTPUT
RIVER OF DRIVE
TRANSISTORS
4mA
Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com