Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4938ED Datasheet(PDF) 13 Page - STMicroelectronics

Part # L4938ED
Description  Advanced voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938ED Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4938ED Datasheet HTML 9Page - STMicroelectronics L4938ED Datasheet HTML 10Page - STMicroelectronics L4938ED Datasheet HTML 11Page - STMicroelectronics L4938ED Datasheet HTML 12Page - STMicroelectronics L4938ED Datasheet HTML 13Page - STMicroelectronics L4938ED Datasheet HTML 14Page - STMicroelectronics L4938ED Datasheet HTML 15Page - STMicroelectronics L4938ED Datasheet HTML 16Page - STMicroelectronics L4938ED Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
L4938ED, L4938EPD
Application information
Doc ID 17243 Rev 2
13/20
The value of the programming resistor RPR can be calculated with:
The reset pulse delay time tRD, is defined with the charge time of an external capacitor CT:
The reaction time of the reset circuit originates from the noise immunity. Standby output
voltage drops below the reset threshold only a bit longer than the reaction time results in a
shorter reset delay time. The nominal reset delay time is generated for standby output
voltage drops longer than approximately 50 µs. The minimum reset time is generated if
reset condition only occurs for a short time triggering a reset pulse but not completely
discharging CT. The reset can be related to output2 on request. If higher charge currents for
the reset capacitor are required a resistors from pin CT to OUT1, may be used to increase
the current. We recommended the use of 10 K
Ω to 5 V as an output pull up.
3.5
Sense comparator
The sense comparator compares an input signal with an internal voltage reference of typical
1.23 V. The use of an external voltage divider makes this comparator very flexible in the
application. It can be used to supervise the input voltage either before or after the protection
diode and to give additional information to the microprocessor like low voltage warnings. We
recommended the use of 10 K
Ω to 5 V as an output pull up.
3.6
Thermal protection
Both outputs are provided with an overtemperature shutdown regulation power dissipation
down to uncritical values. Output 2 shuts down approximately 10 K before output 1. Under
normal conditions shutdown of output 2 allows the chip to cool down again. Thus output 1 is
unaffected. The thermal shutdown reduces the output voltages until power dissipation and
the flow of thermal energy out of the chip balance.
3.7
Transient sensitivity
In proper operation (VOUT > 4.5 V) the reference is supplied by VOUT1 thus reducing
sensitivity to input transients.
a.
The reference is alternatively supplied from VS or VOUT1. If one supply is present, the reference is operating.
R
PR
22K
4.7K
V
RT
------------
1
–
----------------------
92.9K
–
=
3.8V
V
RT
4.7V
≤≤
t
RDmin
C
T 0.6V
⋅
1
μA
------------------------
=
t
RDnom
C
T 1.4V
⋅
1
μA
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com