Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4938ED Datasheet(PDF) 18 Page - STMicroelectronics

Part # L4938ED
Description  Advanced voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938ED Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L4938ED Datasheet HTML 12Page - STMicroelectronics L4938ED Datasheet HTML 13Page - STMicroelectronics L4938ED Datasheet HTML 14Page - STMicroelectronics L4938ED Datasheet HTML 15Page - STMicroelectronics L4938ED Datasheet HTML 16Page - STMicroelectronics L4938ED Datasheet HTML 17Page - STMicroelectronics L4938ED Datasheet HTML 18Page - STMicroelectronics L4938ED Datasheet HTML 19Page - STMicroelectronics L4938ED Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package and packing information
L4938ED, L4938EPD
18/20
Doc ID 17243 Rev 2
Figure 10.
PowerSO-20 package dimensions
G
0
0.1
H
15.5
15.9
h
1.1
L
0.8
1.1
N
10°
S
8°
T
10
1.
"D and F" do not include mold flash or protrusions.
- Mold flash or protrusions shall not exceed 0.15 mm (0.006").
- Critical dimensions: "E", "G" and "a3"
Table 12.
PowerSO-20 mechanical data (continued)
Dim.
mm
Min.
Typ.
Max.
e
a2
A
E
a1
PSO20MEC
DETAIL A
T
D
11
0
11
20
E1
E2
h x 45˚
DETAIL A
lead
slug
a3
S
Gage Plane
0.35
L
DETAIL B
R
DETAIL B
(COPLANARITY)
GC
- C -
SEATING PLANE
e3
b
c
N
N
H
BOTTOM VIEW
E3
D1
0056635 I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com