Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5958 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5958
Description  Multifunction voltage regulator for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5958 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5958 Datasheet HTML 6Page - STMicroelectronics L5958 Datasheet HTML 7Page - STMicroelectronics L5958 Datasheet HTML 8Page - STMicroelectronics L5958 Datasheet HTML 9Page - STMicroelectronics L5958 Datasheet HTML 10Page - STMicroelectronics L5958 Datasheet HTML 11Page - STMicroelectronics L5958 Datasheet HTML 12Page - STMicroelectronics L5958 Datasheet HTML 13Page - STMicroelectronics L5958 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical specifications
L5958
10/20
Doc ID 17716 Rev 2
Regulator 5
Vo (3.3perm)
Output voltage 3.3 V
-
3.15
3.30
3.45
V
V
Line regulation
I = 100 mA; 9 V< Vs < 18 V
-
-
50
mV
V
i
Load regulation
Ireg4 = 1 to 100 mA
-
-
100
mV
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 100 mA
50
-
-
dB
Vdrop
Drop out voltage
Ireg4 = 100 mA
(1)
-
-
0.7
V
Im
Current limit
Rshort = 0.5 
150
-
300
mA
Regulator 6
Vo (1.8perm)
Output voltage 1.8V
-
1.73
1.80
1.90
V
V
Line regulation
I = 100 mA; 9 V < Vs < 18 V
-
-
50
mV
V
i
Load regulation
Ireg4 = 1 to 100 mA
-
-
100
mV
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 100 mA
50
-
-
dB
Vdrop
Drop out voltage
Ireg4 = 100 mA
(1)
-
-
2.2
V
Im
Current limit
Rshort = 0.5 
150
-
300
mA
Power switch
VdropSW
Drop voltage power switch
IdcSW = 1.8 A max.
-
-
0.5
V
IpSW1
Peak current power switch
Peak time
 10 ms
2
-
3.5
A
IpSW2
Peak current power switch
Peak time
 40 ms
0.9
-
2
A
SWDEL
Delay Protection
-
10
-
40
ms
Reset buffer (open drain RESET for permanent regulators)
RESreg5
RES threshold voltage for reg5
Vreg5 = 3.3 V
3.00
3.15
3.25
V
Vhys_reg5
hysteresis of reset for reg5
10
50
100
mV
RESreg6
RES threshold voltage for reg6
Vreg6 = 1.8 V
1.67
-
1.833
V
Vhys_reg6
Hysteresis of reset for reg6
10
20
40
mV
Vol
Low level
ISINK(RES) = 1 mA
-
0.3
0.5
V
ILsink (RES)
Low level sink current
Reset = 5 V
15
20
24
mA
RES delay
Cres = 47nF
20
42
70
ms
T
RES
Reset rise and fall time
R = 10 k
  C = 15 pF
-
-
50
µs
ICharge
Charge current
CRES = 0 V
1
2
3
µA
IDischarge
Discharge current
CRES = 5 V
0.5
-
3
mA
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com