Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5958 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L5958
Description  Multifunction voltage regulator for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5958 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L5958 Datasheet HTML 12Page - STMicroelectronics L5958 Datasheet HTML 13Page - STMicroelectronics L5958 Datasheet HTML 14Page - STMicroelectronics L5958 Datasheet HTML 15Page - STMicroelectronics L5958 Datasheet HTML 16Page - STMicroelectronics L5958 Datasheet HTML 17Page - STMicroelectronics L5958 Datasheet HTML 18Page - STMicroelectronics L5958 Datasheet HTML 19Page - STMicroelectronics L5958 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package information
L5958
18/20
Doc ID 17716 Rev 2
Figure 12.
Flexiwatt27 (SMD) mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.45
4.50
4.65
0.1752
0.1772
0.1831
B
2.12
2.22
2.32
0.0835
0.0874
0.0913
C
1.40
0.0551
D
2.00
0.0787
E
0.36
0.40
0.44
0.0142
0.0157
0.0173
F**
0.47
0.51
0.57
0.0185
0.0201
0.0224
G(*)
0.75
1.00
1.25
0.0295
0.0394
0.0492
G1
25.70
26.00
26.30
1.0118
1.0236
1.0354
G2(*)
1.75
2.00
2.25
0.0689
0.0787
0.0886
H(**)
28.85
29.23
29.40
1.1358
1.1508
1.1575
H1
17.00
0.6693
H2
12.80
0.5039
H3
0.80
0.0315
L(**)
15.50
15.70
15.90
0.6102
0.6181
0.6260
L1
7.70
7.85
7.95
0.3031
0.3091
0.3130
L2
14.00
14.20
14.40
0.5512
0.5591
0.5669
L3
11.80
12.00
12.20
0.4646
0.4724
0.4803
L4
1.30
1.48
1.66
0.0512
0.0583
0.0654
L5
2.42
2.50
2.58
0.0953
0.0984
0.1016
L6
0.42
0.50
0.58
0.0165
0.0197
0.0228
M
1.50
0.0591
N
2.20
0.0866
N1
1.30
1.48
1.66
0.0512
0.0583
0.0654
N2(*)
2.73
2.83
2.93
0.1075
0.1114
0.1154
P(*)
4.73
4.83
4.93
0.1862
0.1902
0.1941
R
1.70
0.0669
R1
0.30
0.0118
R2
0.35
0.40
0.45
0.0138
0.0157
0.0177
R3
0.35
0.40
0.45
0.0138
0.0157
0.0177
R4
0.50
0.0197
T(*)
-0.08
0.10
-0.0031
0.0039
aaa(*)
0.1
0.0039
V
45˚
45˚
V1
3˚
3˚
V2
3˚
5˚
7˚
3˚
5˚
7˚
V3
12˚
15˚
18˚
12˚
15˚
18˚
V4
5˚
5˚
V5
20˚
20˚
Flexiwatt27
(SMD)
7993733 B
(*) Golden parameters
(**) – Dimension “F” doesn’t include dam-bar protrusion.
– Dimensions "H” and “L" include mold flash or protrusions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com