Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5958 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5958
Description  Multifunction voltage regulator for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5958 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5958 Datasheet HTML 7Page - STMicroelectronics L5958 Datasheet HTML 8Page - STMicroelectronics L5958 Datasheet HTML 9Page - STMicroelectronics L5958 Datasheet HTML 10Page - STMicroelectronics L5958 Datasheet HTML 11Page - STMicroelectronics L5958 Datasheet HTML 12Page - STMicroelectronics L5958 Datasheet HTML 13Page - STMicroelectronics L5958 Datasheet HTML 14Page - STMicroelectronics L5958 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
L5958
Electrical specifications
Doc ID 17716 Rev 2
11/20
VDD_CORE_VAL buffer (open drain RESET for switched regulators)
RESreg3
RES threshold voltage for reg3
Vreg3 = 3.3 V
3.00
3.15
3.25
V
Vhys_reg3
Hysteresis of reset for reg3
-
10
50
100
mV
RESreg4
RES threshold voltage for reg4
Vreg4 = 1.8 V
1.67
-
1.833
V
Vhys_reg4
Hysteresis of reset for reg4
-
10
20
40
mV
Vol
Low level
ISINK(RES) = 1 mA
-
0.3
0.5
V
Hold CAN signal (open drain for VIN1 battery warning 1)
Hold1_high
Hold high threshold
-
17
-
20
V
VHYS
Hysteresis high TH.
-
150
400
600
mV
Hold1_low
Hold low threshold
-
5
-
6
V
VHYS
Hysteresis low TH.
-
200
400
600
mV
Vol
Low level
ISINK(RES) = 1 mA
-
0.3
0.5
V
VREF
Reference voltage
-
-
1.2565
-
V
Hold audio signal (open drain for VIN1 battery warning 2)
Hold2_high
Hold high threshold
-
15.2
-
17.8
V
VHYS
Hysteresis high TH.
-
150
400
600
mV
Hold2_low
Hold low threshold
-
7.8
-
9.2
V
VHYS
Hysteresis low TH.
-
200
400
600
mV
Vol
Low level
ISINK(RES) = 1 mA
-
0.3
0.5
V
VREF
Reference voltage
-
-
1.2565
-
V
Ignition buffer (open drain)
IGNIN
IGNout falling
-
1.03
1.17
1.28
V
Vhys(IGNout)
Hysteresis of ignition buffer
-
30
50
100
mV
Vol
Low level
ILsink (IGNout) = 1 mA
-
0.3
0.5
V
IGNRISE
Rising time
C = 15 pF
-
-
10
µs
IGNFALL
Fall time
C = 15 pF
-
-
10
µs
ICLAMP
Input clamp current
VCC < VIGN < 50 V
-
-
2
mA
IGNIN
Input voltage
Operative
0
-
50
V
Enable input (regulators 1,2,3,4,5,6 and power switch)
VTH
Voltage threshold
-
1.3
-
2.3
V
ENIN(reg1,2,3,4
power switch)
Input voltage
Operative
0
-
5
V
ENIN(reg5,6)
Input voltage
Operative
0
-
24
V
1.
Drop condition means that the supply voltage drop down to 100 mV from the regulated output and the regulator is sourcing
its maximal load current
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com