Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 2 Page - STMicroelectronics

  L5965_V01 Datasheet HTML 1Page - STMicroelectronics L5965_V01 Datasheet HTML 2Page - STMicroelectronics L5965_V01 Datasheet HTML 3Page - STMicroelectronics L5965_V01 Datasheet HTML 4Page - STMicroelectronics L5965_V01 Datasheet HTML 5Page - STMicroelectronics L5965_V01 Datasheet HTML 6Page - STMicroelectronics L5965_V01 Datasheet HTML 7Page - STMicroelectronics L5965_V01 Datasheet HTML 8Page - STMicroelectronics L5965_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
1
Overview
L5965 is a multichannel voltage regulator easy to use, able to offer flexibility, together with a set of features that
make it compliant to car passenger applications that require a certain level of safety. The product includes input
and output monitors, independent band-gaps, ground loss monitors, internal compensation networks, that also
help to reduce the BOM, digital and analog BIST, fault pin.
In this product, there are 7 different regulators. A first battery-compatible regulator, a controller that can supply
several current flow thanks to the use of external MOSs. A second regulator with integrated MOS that can be
used as a pre-regulator for currents up to about 2.6 A. Two bucks, post regulators, one boost that can be used to
supply, for example, a CAN bus, one LDO and a 1% accurate reference voltage for the microcontroller.
All output voltages can be selected via memory cells (OTP) that can be programmed before using the PMIC. This
guarantees precision and safety, since output voltages are not susceptible to variations due to the external
environment. It also contributes to reduce the number of external components. Through the OTP it is also
possible to decide the switching frequency of some regulators, the current limitation, select the main buck and the
system power-on sequence.
Programming can also be done at customer’s production line.
There is also an SPI bus, used to program the PMIC and to communicate with the microcontroller. Through this
bus it is possible to set overvoltage and undervoltage thresholds, enable the spread spectrum, select the soft start
time and many other things. The SPI is also used to communicate the status of the bucks in case of fault, over-
temperature or other events.
The maximum free run switching frequency of the bucks is 2.4 MHz, modifiable through external synchronization
signals. In the case of battery-connected pre-regulators, 400 kHz operation is recommended.
The PMIC can manage watchdog and reset signals.
1.1
Simplified block diagram
Figure 1. Simplified block diagram
Pre-BUCK1
controller
Watchdog &
Reset
Pre-BUCK2
SPI
Voltage
references
INDEPENDENT SUPPLIES
Safety
management
SYNC_IN
SYNC_OUT
VBAT
BUCK3
Internal
compensation
BUCK4
Internal
compensation
BOOST
Supervisors
LDO
Supervisors
VREF
Supervisors
Diagnostics
Oscillator
WKUP
RESETB
FAULT
Buck pre/post regulator compatible to battery V
Buck post regulator compatible to 5.5 V max
Buck post regulator compatible to 5.5 V max
Buck pre/post regulator compatible to battery V
5-3.8-3.3-1.8-1.2-1.1-1.0-0.8 V @ 0.4 MHz
5.0-3.6-3.3-1.5-1.35-1.2-1.1-1.0 V @ 1.35-2.6 A ● 0.4-2.4 MHz
3.3-2.5-2.3-2.0-1.8-1.35-1.2-1.0 V @ 1.4 A ● 2.4 MHz
3.3-1.8-1.35-1.3-1.25-1.2-1.12-1.1 V @ 1 A ● 2.4 MHz
5-3.3-2.8-2.5-1.8-1.3-1.25-1.2 V @ 300-600 mA
4.1 - 3.3 - 2.5 - 1.8 V @ 20 mA
7 V @ 0.2 A, 5 V @ 0.3 A ● 2.4 MHz
OTP
Internally connected to the battery
SPI
Note: Buck min peak currents.
Linear post regulator compatible to 5.5 V max
Boost post regulator compatible to 5.5 V max
GAPG1005181515PS
L5965
Overview
DS12567 - Rev 3
page 2/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com