Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L5965_V01 Datasheet HTML 27Page - STMicroelectronics L5965_V01 Datasheet HTML 28Page - STMicroelectronics L5965_V01 Datasheet HTML 29Page - STMicroelectronics L5965_V01 Datasheet HTML 30Page - STMicroelectronics L5965_V01 Datasheet HTML 31Page - STMicroelectronics L5965_V01 Datasheet HTML 32Page - STMicroelectronics L5965_V01 Datasheet HTML 33Page - STMicroelectronics L5965_V01 Datasheet HTML 34Page - STMicroelectronics L5965_V01 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
4.2.16
Maximum Duty Cycle and Refresh Mode for Buck
The high-side N-channel MOSFET is turned on at the beginning of each clock cycle and kept on until the inductor
current reaches its peak value as set by the regulation loop. Once the high side power is turned OFF, and after a
small delay (shoot-through delay), the lower N-channel MOSFET is turned on until the start of the next clock
cycle.
In dropout operation the high-side MOSFET can stay on 100%. To ensure the bootstrap capacitor is recharged,
the buck low-side power is forced off time (140ns) per 4 cycles. It is called “refresh mode”. This forced OFF time
limits the maximum duty cycle of the buck to:
Dmax=1−fsw⋅tOFF⋅0.25
(5)
The actual maximum duty cycle varies with the switching frequency.
Figure 19. Refresh mode in bucks
4 cycles
fSW_buck
PH_buck
tOFF_refresh
GADG0509181611PS
4.2.17
Frequency-Hopping Spread Spectrum
L5965 features a pseudo-random spectrum for 2.4 MHz switching frequency, and a triangular spread architecture
for 400 kHz switching frequency. The frequency shifts only by one step at each cycle to avoid large jumps in
bucks and boost switching frequencies.
L5965
Voltage regulators and features description
DS12567 - Rev 3
page 31/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com