Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L5965_V01 Datasheet HTML 36Page - STMicroelectronics L5965_V01 Datasheet HTML 37Page - STMicroelectronics L5965_V01 Datasheet HTML 38Page - STMicroelectronics L5965_V01 Datasheet HTML 39Page - STMicroelectronics L5965_V01 Datasheet HTML 40Page - STMicroelectronics L5965_V01 Datasheet HTML 41Page - STMicroelectronics L5965_V01 Datasheet HTML 42Page - STMicroelectronics L5965_V01 Datasheet HTML 43Page - STMicroelectronics L5965_V01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
5.2.10
SPI REG Fault Table PWUP
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Address
0x12
XX_POWERUP_FAULT: 1: means Power-on failed
0: means Power-on succeeded or regulator disabled by OTP
VREG_NOK_STAT: Vreg not ok state; read and clear.
0: vreg ok;
1: vreg not ok
REC_CNT: the counter of times that FSM into REC; will be cleared in STANDBY. If inf_retrail_en=1, REC_CNT is
always 0.
RESERVED (Bit11): this bit is reporting the internal PLL locking status. When "1", the output frequency of the PLL is locked
and stable. When "0", the PLL is not yet stable or off.
WD_FAIL: watchdog fail flag, read and clear; Include normal WDI WD or SPI WD.
0: no fail
1: fail
ABIST_ERR: ABist fail flag, read only.
0: no fail
1: fail
SAF_CRC_FAILED: read only.
0: no fail
1: fail
LBIST_ERR: read only.
0: no fail
1: fail
L5965
SPI registers mapping
DS12567 - Rev 3
page 40/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com