Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9026_V01 Datasheet HTML 41Page - STMicroelectronics L9026_V01 Datasheet HTML 42Page - STMicroelectronics L9026_V01 Datasheet HTML 43Page - STMicroelectronics L9026_V01 Datasheet HTML 44Page - STMicroelectronics L9026_V01 Datasheet HTML 45Page - STMicroelectronics L9026_V01 Datasheet HTML 46Page - STMicroelectronics L9026_V01 Datasheet HTML 47Page - STMicroelectronics L9026_V01 Datasheet HTML 48Page - STMicroelectronics L9026_V01 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
OUTn
RW
0
8
0x08
OUT3 mapped on
IN1
POR_N, NRES pin,
CFG_1.RST bit, VDD_UV
Channel [7:0], MSB refers to channel 7
0: OUTn not driven by IN1 1: OUTn driven by
IN1
MAP_PWM
Register name:
MAP_PWM
Address:
Global Base Address + 0x09
Description:
Internal PWM generator mapping register
Field
name
Type Bit Offset Bit Width
Reset
Value
Reset Sources
Description
OUTn
RW
0
8
0x00
POR_N, NRES pin,
CFG_1.RST bit, VDD_UV
Channel [7:0], MSB refers to channel 7
0: OUTn not driven by internal PWM generator 1:
OUTn driven by internal PWM generator
PWM_SEL
Register name:
PWM_SEL
Address:
Global Base Address + 0x0A
Description:
Internal PWM generator selection register
Field name Type Bit Offset Bit Width
Reset
Value
Reset Sources
Description
OUTn
RW
0
8
0x00
POR_N, NRES pin,
CFG_1.RST bit, VDD_UV
Channel [7:0], MSB refers to channel 7
0: (default) PWM_GEN selected for OUTn 1:
PWM_LED selected for OUTn
PWM_GEN_DC
Register name:
PWM_GEN_DC
Address:
Global Base Address + 0x0B
Description:
PWM GEN duty cicle setting
Field name
Type Bit Offset Bit Width Reset Value Reset Sources
Description
DUTY_CYCLE RW
0
8
0x00
POR_N, NRES pin, CFG_1.RST bit, VDD_UV
b00000000, PWM GEN OFF
b11111111, PWM GEN fully ON
duty = 100/255*LSB
PWM_LED_DC
Register name:
PWM_LED_DC
Address:
Global Base Address + 0x0C
Description:
PWM LED duty cicle setting
Field name
Type Bit Offset Bit Width Reset Value Reset Sources
Description
DUTY_CYCLE RW
0
8
0x00
POR_N, NRES pin, CFG_1.RST bit, VDD_UV b00000000, PWM GEN OFF
L9026
SPI
DS13397 - Rev 9
page 45/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com