Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9026_V01 Datasheet HTML 27Page - STMicroelectronics L9026_V01 Datasheet HTML 28Page - STMicroelectronics L9026_V01 Datasheet HTML 29Page - STMicroelectronics L9026_V01 Datasheet HTML 30Page - STMicroelectronics L9026_V01 Datasheet HTML 31Page - STMicroelectronics L9026_V01 Datasheet HTML 32Page - STMicroelectronics L9026_V01 Datasheet HTML 33Page - STMicroelectronics L9026_V01 Datasheet HTML 34Page - STMicroelectronics L9026_V01 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
8.2
Overtemperature protection
A temperature sensor is integrated for each channel. Totally 8 temperature sensors are present, which switch
OFF the channel in overtemperature in order to prevent destruction.
Once a channel overtemperature is detected, the corresponding diagnosis bit DIAG_OVC_OVT is set (combined
with Over Load protection). The channel can be switched ON after clearing the protection latch by setting the
corresponding DIAG_OVC_OVT_RLW.OUTn bit to “1”. This bit is set back to “0” internally after de-latching the
channel.
8.3
Overtemperature and overload in Limp Home mode
In Limp Home mode, through the input pin In0 and In1, the channels 2 and 3 can be switched ON. In case of
overload, short-circuit or overtemperature the channels are switched OFF. If In0 and In1 remain “high”, the
channel remains on, in case of overload the channels restart at every tRETRY.
8.4
Reverse polarity protection
In case of reverse polarity (battery) condition, the body diode of each DMOS cause the power dissipation. The
reverse current through the channels has to be limited by the connected loads.
In order to sustain the Reverse polarity condition the exposed pad of device must be left electrically floating.
8.5
Electrical characteristics
3 V ≤ VDDIO ≤ 5.5 V; 6 V ≤ VBATT ≤ 18 V; -40 °C ≤ Tj ≤ 150 °C unless otherwise noticed. All voltages are
referred to GND pin.
Table 17. Over temperature and over load electrical parameters
Symbol
Description
Test condition
Min
Typ
Max
Unit
IL(OVL0_LS)
Over Load detection current
(Channels used as Low-Side)
TJ = -40 °C
1
-
1.9
A
IL(OVL0_LS)
Over Load detection current
(Channels used as Low-Side)
TJ = 25 °C
1
-
1.7
A
IL(OVL0_LS)
Over Load detection current
(Channels used as Low-Side)
TJ = 150 °C
1
-
1.7
A
IL(OVL1_LS)
Over Load detection current
(Channels used as Low-Side)
TJ = -40 °C
0.6
-
1
A
IL(OVL1_LS)
Over Load detection current
(Channels used as Low-Side)
TJ = 25 °C
0.6
-
1
A
IL(OVL1_LS)
Over Load detection current
(Channels used as Low-Side)
TJ = 150 °C
0.6
-
1
A
IL(OVL0_HS)
Over Load detection current
(Channels used as High-Side)
TJ = -40 °C
1.2
-
2.1
A
IL(OVL0_HS)
Over Load detection current
(Channels used as High-Side)
TJ = 25 °C
1.2
-
1.9
A
IL(OVL0_HS)
Over Load detection current
(Channels used as High-Side)
TJ = 150 °C
1
-
1.7
A
IL(OVL1_HS)
Over Load detection current
(Channels used as High-Side)
TJ = -40 °C
0.7
-
1.4
A
IL(OVL1_HS)
Over Load detection current
(Channels used as High-Side)
TJ = 25 °C
0.7
-
1.3
A
IL(OVL1_HS)
Over Load detection current
TJ = 150 °C
0.7
-
1.2
A
L9026
Protection functions
DS13397 - Rev 9
page 31/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com