Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9826
Description  Octal protected low-side driver with diagnostic and serial/parallel input control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9826 Datasheet HTML 3Page - STMicroelectronics L9826 Datasheet HTML 4Page - STMicroelectronics L9826 Datasheet HTML 5Page - STMicroelectronics L9826 Datasheet HTML 6Page - STMicroelectronics L9826 Datasheet HTML 7Page - STMicroelectronics L9826 Datasheet HTML 8Page - STMicroelectronics L9826 Datasheet HTML 9Page - STMicroelectronics L9826 Datasheet HTML 10Page - STMicroelectronics L9826 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
L9826
Electrical specifications
Doc ID 7214 Rev 10
7/19
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
Table 3.
Absolute maximum ratings for voltages and currents applied externally to the device
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC
Supply voltage
-
-0.3
-
7
V
Inputs and data lines (NONx, NCS, CLK, SDI, nRes)
VIN
Voltage (NONx, NCS, CLK, SDI, nRes)
-0.3
-
7
V
IIN
Protection diodes current(1)
T
 1ms
-20
-
20
mA
Outputs (Out1 ... Out8)
VOUTc
Continuous output voltage
-
-0.7
-
45
V
IOUT
Output current (2)
--2
-
1.0
A
EOUTcl
Output clamp energy
IOUT  150mA
-
-
10
mJ
1.
All inputs are protected against ESD according to MIL 883C; tested with HBM at 2 kV.
It corresponds to a dissipated energy E
 0.2 mJ.
2.
Transient pulses in accordance to DIN40839 part 1, 3 and ISO 7637 Part 1, 3.
Table 4.
Absolute maximum ratings for currents determined within the device
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Outputs (Out1 ... Out8)
IOUT
Output current (Out1, Out2)
-
-
-
ILIM
A
Output current (Out3 ... Out8)
-
-
-
ISCB
A
I
OUT1
i = 1-8
Total average-current all outputs (1)
Tamb = 60°C
2.0
-
-
A
1.
When operating the device with short circuit 1ch and 2ch outputs at the same time, damage due to electrical overstress
might occur.
Table 5.
Thermal data
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Thermal shutdown
TJSC
Thermal shutdown threshold
-
150
165
-
°C
Thermal resistance
Rthj a-one
Single output (junction ambient)
-
-
-
90
°C/W
Rthj a-all
All outputs (junction ambient)
-
-
-
75
°C/W
Rth j-pin
Junction to Pin
-
-
-
18
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com