Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9826
Description  Octal protected low-side driver with diagnostic and serial/parallel input control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9826 Datasheet HTML 11Page - STMicroelectronics L9826 Datasheet HTML 12Page - STMicroelectronics L9826 Datasheet HTML 13Page - STMicroelectronics L9826 Datasheet HTML 14Page - STMicroelectronics L9826 Datasheet HTML 15Page - STMicroelectronics L9826 Datasheet HTML 16Page - STMicroelectronics L9826 Datasheet HTML 17Page - STMicroelectronics L9826 Datasheet HTML 18Page - STMicroelectronics L9826 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
L9826
Functional description
Doc ID 7214 Rev 10
15/19
5.3.1
Diagnostic on Outputs 1 and 2 controlled via NON1/NON2
Fault condition (1) "output shorted to Vbat"
The output has been previously switched-on and its voltage exceeds the diagnostics
threshold. It operates in current regulation mode or it is switched-off if thermal shutdown
threshold (TJSC) is reached. The status bit is low.
Fault condition (2) "open load" or "output shorted to GND"
The output is switched-off and its voltage drops below the diagnostics threshold because
the load current is lower than the output diagnostic current source. The diagnostic bit is low.
5.3.2
Diagnostic on Outputs 1 to 8 controlled via SPI
Fault condition (1) "output shorted to Vbat"
The output was previously switched-on, its voltage exceeds the diagnostic threshold and the
result is that the output is switched-off. The diagnostic bit is high.
Fault condition (2) "open load" or "output shorted to GND"
It is the same behavior explained for the outputs 1 and 2 (see paragraph 5.3.1), at NCS
falling edge the output status data are transferred to the shift register.
Load diagnostic: when the output is in OFF condition a typical diagnostic current of 60 µA is
sinked.
Table 8.
Diagnostic table for outputs 1 and 2 in parallel controlled mode
Output 1, 2
Output-voltage
Status-bit
Output-mode
off
> DG-threshold
high
correct operation
off
< DG-threshold
low
fault condition 2)
on
< DG-threshold
high
correct operation
on
> DG-threshold
low
fault condition 1)
Table 9.
Diagnostic table for outputs 1 to 8 in SPI controlled mode
Output 1 ... 8
Output-voltage
Status-bit
Output-mode
off
> DG-threshold
high
correct operation
off
< DG-threshold
low
fault condition 2)
on
< DG-threshold
low
correct operation
on
> DG-threshold
high
fault condition 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com