Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9826
Description  Octal protected low-side driver with diagnostic and serial/parallel input control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9826 Datasheet HTML 8Page - STMicroelectronics L9826 Datasheet HTML 9Page - STMicroelectronics L9826 Datasheet HTML 10Page - STMicroelectronics L9826 Datasheet HTML 11Page - STMicroelectronics L9826 Datasheet HTML 12Page - STMicroelectronics L9826 Datasheet HTML 13Page - STMicroelectronics L9826 Datasheet HTML 14Page - STMicroelectronics L9826 Datasheet HTML 15Page - STMicroelectronics L9826 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Functional description
L9826
12/19
Doc ID 7214 Rev 10
5
Functional description
5.1
General
The L9826 is an 8-channel low-side driver assembled in SO20 package. Its 8-bit SPI serial
interface is designed to control all the outputs and to provide their diagnosis. Channels 1
and 2 are controlled either via SPI or via parallel through the inputs pins NON1 and NON2.
Diagnostic recognizes operative fault conditions: open load, short circuits to GND or to VB
and overcurrent.Thermal shutdown for outputs 1 and 2 is available as well the output voltage
clamp which is essential in case of working with inductive loads.
The reset feature is an OR function of the external reset nRes and the internal reset
generate during the undervoltage condition
5.2
Output stage control
5.2.1
Via parallel, only for output 1 and 2
This is valid only for Outputs 1 and 2 which are controlled through the dedicated inputs
NON1 and NON2 (both active low) which are internally configured as pull-up (see Figure 3).
This is to guarantee that the outputs are off in case of inputs open.
A further feature is the possibility to drive these outputs through a PWM signal
independently by SPI commands.
Reset signal is common for all the eight channels and it is active low. After an external reset
condition (that means NRES pin switched from low to high) to drive outputs 1 and 2 through
the parallel input (NON1 and NON2) it is necessary to disable the parallel input itself
(NON1, NON2 high) and then subsequently to drive the outputs 1 and 2 at the logic state
desiderated through NON1 and NON2. The duration of the command (T) as reported in the
Figure 4 should be at less in the order of 100 nSecond.
In the next Figure 4 is shown this behavior and in the next Table 7 is summarized the
scenario of parallel/series commands.
Figure 4.
Parallel control for output 1 and 2 (Example for Power-on)
Table 7.
Outputs control tables
Outputs 1, 2:
Outputs 3 to 8:
NON1, 2
1
0
0
1
-
-
-
SPI-bit 1, 2
0
0
1
1
SPI-bit 3 ... 8
0
1
Output 1, 2
off
on
on
on
Output 3 ... 8
off
on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com