Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912LTR Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9912LTR
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912LTR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9912LTR Datasheet HTML 45Page - STMicroelectronics L9912LTR Datasheet HTML 46Page - STMicroelectronics L9912LTR Datasheet HTML 47Page - STMicroelectronics L9912LTR Datasheet HTML 48Page - STMicroelectronics L9912LTR Datasheet HTML 49Page - STMicroelectronics L9912LTR Datasheet HTML 50Page - STMicroelectronics L9912LTR Datasheet HTML 51Page - STMicroelectronics L9912LTR Datasheet HTML 52Page - STMicroelectronics L9912LTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
DocID029641 Rev 2
49/84
L9912L
Watchdog
83
7
Watchdog
In order to support system safety, the Smart Power logic provides an embedded windowed
watchdog block able to operate either on the Smart Power analog blocks or on the
microcontroller; this approach guarantees system control also when the microcontroller is
not powered or doesn't work at all.
A watchdog is a unit designed to reset the system if a refresh operation is not accomplished
within a specified time window: if the refresh is not done at all or if it is done before or later,
the unit switches the power stage off and, if suitably configured, resets the microcontroller.
In this way the system is able to prevent either SW or HW errors:
SW: the code flow is lost or in a deadlock
HW: the microcontroller is stopped for any reason
To handle the Smart Power watchdog the following parameters need to be defined:
start window:
–
it is the time interval, after the last refresh, where the watchdog refresh cannot be
accomplished. A refresh in this interval causes a watch dog error occurrence; this
feature detects a condition where the code falls into a never ending loop including
a refresh operation or an accelerated system clock
operating window:
–
it is the time interval, after the start window, where the watchdog refresh must be
accomplished. A refresh after this interval causes a watch dog error occurrence;
this feature detects a condition where the code falls into a never ending loop
excluding a refresh operation or a decelerated system clock
windows resolution:
–
the watchdog timing resolution is configurable to better fit system needs
refresh words:
–
to improve safety, when refreshing the watchdog, the system must alternate two
different keywords
Watchdog configuration and refresh are handled by the microcontroller by writing suitable
data in the SPI watchdog registers [13.4.15] [13.4.19].
The following picture shows a timing diagram of watchdog behavior:
Figure 21. Timing diagram of watchdog
Once the watchdog has been correctly refreshed the above sequence restarts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com