Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912LTR Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9912LTR
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912LTR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9912LTR Datasheet HTML 73Page - STMicroelectronics L9912LTR Datasheet HTML 74Page - STMicroelectronics L9912LTR Datasheet HTML 75Page - STMicroelectronics L9912LTR Datasheet HTML 76Page - STMicroelectronics L9912LTR Datasheet HTML 77Page - STMicroelectronics L9912LTR Datasheet HTML 78Page - STMicroelectronics L9912LTR Datasheet HTML 79Page - STMicroelectronics L9912LTR Datasheet HTML 80Page - STMicroelectronics L9912LTR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
DocID029641 Rev 2
77/84
L9912L
SPI interface
83
13.4.19
WATCHDOG REFRESH register [0x0F]
This register must be suitably written to refresh the watchdog; it also contains the current
watchdog counter value.
13.5
SPI sequence example
This paragraph shows a simple Smart Power command sequence for a system in the
following conditions:
L-key active
5 ms square wave input applied to phase input
Watchdog disabled (test mode)
Table 61. WATCHDOG REFRESH register [0x0F]
Bit
Register name
Reset value
Description
13-10 Reserved
-
9-8
WDG_Refr_CODE
0
Watchdog refresh code:
– 00: not valid
– 01: word A (first refresh word to send to the device)
–10: word B
– 11: not valid
Words A and B must be sent alternatively
7-0
WDG_Timer
0 (RO)
Watchdog current counter value. The resolution is
specified by bits 13 and 12 of watchdog config register.
The counter is cleared on watchdog error occurrence.
These bits are read only: any write attempt will have no
effect
Table 62. SPI sequence examples
Operation
MOSI
MISO
Comment
Read and Clear wakeup
source register (0x11)
4440A5 060A20
GSW:
– CP-LOW (charge pump not yet activated)
– Key active
DATA
– L-KEY (key status)
– VDD-UV
– WKUP_BY_L (wake up source)
Read and Clear general
status register (0x12)
4840A5 060100
GSW:
– CP-LOW (charge pump not yet activated)
– Key active
DATA: CP-LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com