Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912LTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9912LTR
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912LTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9912LTR Datasheet HTML 17Page - STMicroelectronics L9912LTR Datasheet HTML 18Page - STMicroelectronics L9912LTR Datasheet HTML 19Page - STMicroelectronics L9912LTR Datasheet HTML 20Page - STMicroelectronics L9912LTR Datasheet HTML 21Page - STMicroelectronics L9912LTR Datasheet HTML 22Page - STMicroelectronics L9912LTR Datasheet HTML 23Page - STMicroelectronics L9912LTR Datasheet HTML 24Page - STMicroelectronics L9912LTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
DocID029641 Rev 2
21/84
L9912L
Electrical specifications
83
Pins involved in both LIN and BSS protocols management are:
LIN_RX_SP: smart power output, which stands for RxD
LIN_TX_SP: smart power input, which stands for TxD
LIN/BSS: transceiver bus from ECU
LIN_RX: µC input to be connected to LIN_RX_SP
LIN_TX: µC output to be connected to LIN_TX_SP
LIN Error Handling
The device provides the following 3 error handling features which aren't described in the LIN
Spec. V2.1, but implemented in several stand-alone LIN transceivers/microcontrollers to
switch the application back to normal operation mode.
Dominant TxD time out
In case TxD is in dominant state (i.e. low level) for more than tdom(TXD)=12ms (typical
value) the transmitter will be disabled. The status won't be latched and can be read
through bit 12 (read only) of 0x12 SPI register. The transmitter remains disabled until
TxD changes to recessive state (i.e. high level) for more than 12µs. This error detection
can be enabled by setting bit 1 of 0x08 SPI register.
Permanent recessive LIN/BSS bus
In case TxD changes to dominant (i.e. low level) state and RxD signal does not follow
within trec(LIN) = 40 µs (typical value) the transmitter will be disabled. The status bit
won't be latched and can be read through bit 11 (read only) of 0x12 SPI register. The
transmitter remains disabled until TxD changes to recessive state (i.e. high level) for
more than 12 µs.
Permanent dominant LIN/BSS bus
In case the bus state is dominant (i.e. LIN/BSS at low level) for more than
tdom(LIN) = 12 ms (typical value) a permanent dominant status will be detected. The
status won't be latched and can be read through bit 13 (read only) of 0x12 SPI register.
The transmitter will not be switched off. This error detection can be enabled by setting
bit 1 of 0x08 SPI register.
Note:
a normal wake up caused by a message on the bus will start the voltage regulator and the
microcontroller to switch the application back to normal operation mode.
Wake-up by LIN/BSS bus
In power standby mode the device can receive a wake-up from LIN/BSS bus. Two different
conditions can be differentiated:
Normal wake-up
A normal wake-up occurs when the device was previously asked to enter Power Stand-
by mode while LIN/BSS bus was in recessive (i.e. high level) state. A level at LIN bus
crossing VThwkup longer than tlinbus = 5 µs (typical value) will switch the device into
Active mode and will turn the LIN/BSS receiver on as well to process coming message
frames. An event is generated at the RxD pin.
Wake-up from LIN/BSS bus in short-to-GND condition
This wake-up condition isn't supported by the device and must be carefully avoided into
application. In case the device was asked to enter Power Stand-by mode while
LIN/BSS bus was recognized in dominant (i.e. low level) state, the command must be
preceded by the LIN/BSS wake-up disable command (bit 12 in 0x04 SPI register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com