Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969X Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 59Page - STMicroelectronics L9969X Datasheet HTML 60Page - STMicroelectronics L9969X Datasheet HTML 61Page - STMicroelectronics L9969X Datasheet HTML 62Page - STMicroelectronics L9969X Datasheet HTML 63Page - STMicroelectronics L9969X Datasheet HTML 64Page - STMicroelectronics L9969X Datasheet HTML 65Page - STMicroelectronics L9969X Datasheet HTML 66Page - STMicroelectronics L9969X Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
Table 48. PowerSSO36 (exposed pad opt. A) package mechanical data
Ref
Dimensions (mm)
Min.
Typ.
Max.
Ө
0°
-
8°
Ө1
5°
-
10°
Ө2
0°
-
-
A
2.15
-
2.45
A1
0.0
-
0.1
A2
2.15
-
2.35
b
0.18
-
0.32
b1
0.13
0.25
0.3
c
0.23
-
0.32
c1
0.2
0.2
0.3
D(1)
10.30 BSC
D1
VARIATION
D2
-
3.65
-
D3
-
4.3
-
e
0.50 BSC
E
10.30 BSC
E1(1)
7.50 BSC
E2
VARIATION
E3
-
2.3
-
E4
-
2.9
-
G1
-
1.2
-
G2
-
1
-
G3
-
0.8
-
h
0.3
-
0.4
L
0.55
0.7
0.85
L1
1.40 REF
L2
0.25 BSC
N
36
R
0.3
-
-
R1
0.2
-
-
S
0.25
-
-
Tolerance of form and position
aaa
0.2
bbb
0.2
ccc
0.1
ddd
0.2
eee
0.1
ffff
0.2
ggg
0.15
L9969x
Package information
DS14029 - Rev 6
page 63/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com