Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969X Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 38Page - STMicroelectronics L9969X Datasheet HTML 39Page - STMicroelectronics L9969X Datasheet HTML 40Page - STMicroelectronics L9969X Datasheet HTML 41Page - STMicroelectronics L9969X Datasheet HTML 42Page - STMicroelectronics L9969X Datasheet HTML 43Page - STMicroelectronics L9969X Datasheet HTML 44Page - STMicroelectronics L9969X Datasheet HTML 45Page - STMicroelectronics L9969X Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
Figure 29. Standard SPI frame
Write access
(16 Bit Frame)
Read access
(16 Bit Frame)
SI
SO
SS
SI
SO
SS
MSB
LSB
8 bit Instruction
8 bit Data
MSB
LSB
MSB
LSB
8 bit Instruction
8 bit Data
MSB
LSB
Check Byte
(zz + 6 bit)
Check Byte
(zz + 6 bit)
00000000
XXXXXXXX
Since the coding of the SPI instructions is done in such a way that at least at bit 5 it is clear, whether a reading or
a writing instruction is sent, and moreover, the instructions are not using the LSB of the instruction, there is at
least a duration of one bit left in order to provide the requested data for the SO.
3.2.7.3
Characteristics of the SPI interface
The characteristics of the SPI interface are the following:
•
During active reset conditions: the SPI is driven in its default state. When reset becomes inactive, the
state machine enters in a wait state for the next instruction. During active reset conditions the output SO is
in high impedance state (tristate).
•
If the slave-select signal at NSS is inactive (high): the state machine is forced to enter the wait state,
that is the state machine waits for the following instruction.
•
During active (low) state of the select signal SS: the falling edge of the serial clock signal SCK will be
used to latch the input data at SI. Output data at SO are driven with the rising edge of SCK. Further
processing of the data according to the instruction (that corresponds to the modification of the internal
registers) will be triggered by the rising edge of the NSS signal.
•
Chip address: in order to establish the option of extended addressing, the uppermost two bits of the
instruction-byte (that is the first two SI-bits of a frame) are reserved to send a chip address.
For future orientation, a configurable chip-address is requested. This should be achieved by connecting the
chip-address register-bits to an electrical low or high potential onto the silicon. The default chip-address (as
specified in Section 3.2.7.4: SPI Instruction) should always be 00hex. However, a switch-over, by modifying
the bond-wire configuration onto the silicon should be possible later on for a dedicated derivate. As
alternative a mask option or fuse can be also used.To avoid a bus conflict the output SO must stay in high
impedance state during the addressing phase of a frame (that is until the address bits are recognized as
valid chip address). If the chip address does not match, the corresponding access will be ignored and SO
remains high impedance for the complete frame regardless of the frame type that is applied. Even in case
the lower instruction bits match to a valid instruction, there is no impact on internal registers or any
functions (including the Transfer Failure Message).
•
Check byte: during the receiving of an SPI instruction, the H-bridge transmits a check byte via the output
SO to the controller. This byte indicates the correctness of the operation of the SPI. It contains an initial bit
pattern and a flag indicating possible invalid instruction of the previous access.
•
Read and write access: during a read access the data bits at the SPI input SI are rejected/ignored. During
a valid write access the SPI will transmit the data byte “00hex” at the output SO after having sent the check
byte. When a Bit in the Register is cleared during Read-Access this will be done when the communication
is finished successfully (rising edge of SS after 16 bits).
L9969x
Functional description
DS14029 - Rev 6
page 42/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com