Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969X Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 9Page - STMicroelectronics L9969X Datasheet HTML 10Page - STMicroelectronics L9969X Datasheet HTML 11Page - STMicroelectronics L9969X Datasheet HTML 12Page - STMicroelectronics L9969X Datasheet HTML 13Page - STMicroelectronics L9969X Datasheet HTML 14Page - STMicroelectronics L9969X Datasheet HTML 15Page - STMicroelectronics L9969X Datasheet HTML 16Page - STMicroelectronics L9969X Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
2.6.1
Power-ON reset
VDD is internally monitored, to keep the output stages in tristate in case VDD is incorrect.
Two internal monitoring/resetting sources are implemented:
•
The internal reset function in the H-bridge if VDD is decreasing down to VDD_RES. That function resets the
SPI registers, switches the output stages to tristate and switches NABE to low.
•
The internal VDD monitoring, that is working, if the VDD > VDD_POR for longer than tPOR. In this case,
the SPI is working; the VDD monitoring is active and sets the SPI registers, switches the output stages to
tristate and switches NABE to low, if VDD is incorrect. In any cases, after a Power-ON Reset, the H-bridge
is completely functional again, but the outputs are disabled. They can only be enabled by ENDISR.
5 V < VBATT < 18 V, TJ= -40 °C to 150 °C, unless otherwise specified.
Table 10. VDD monitoring thresholds
Symbol
Parameter
Condition Min Typ Max Unit
VDD_RES
VDD Undervoltage Threshold (VDD: ‘H’ → ’L’) Below this threshold the device
is in reset state, all registers are cleared.
-
3.3 3.6
3.9
V
VDD_POR
Power On Reset Threshold (VDD: ‘L’ → ’H’) Below this threshold the device is
in reset state, all registers are cleared. The device starts operation (VDD
monitoring forces stages off) not later than tPOR, when VDD is rising above this
threshold. SPI is functional.
-
3.5 3.8
4.1
V
tPOR
Power On Reset Extension Time
-
-
-
1000
µs
2.6.2
NABE and VDD monitoring
2.6.2.1
General functions of VDD monitoring
VDD is measured with reference to pin GNDABE. Inside the H-bridge, GNDABE is routed separately to avoid
internal cross talking from power lines.
The state of VDD monitoring is stored in STATCON_REG and is read/write via SPI.
VDD monitoring detects faulty supply voltages at VDD. It disables the output stages but does not reset registers
DIA_REG1, DIA_REG2, CONFIG_REG or STATCON_REG.
In case of VDD failure, the output stages are switched off, even if the voltage at pin NABE is a high level, for
example because of an external short circuit to VDD or to the battery voltage (up to 18 V).
OUT1 and OUT2 cannot be switched on in over or undevoltage condition at VDD.
POR (VDD < VDD_RES) switches off all output stages without delay.
Detailed information (differentiation of over and undervoltage detection) is possible by SPI interface.
L9969x
Electrical specifications
DS14029 - Rev 6
page 13/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com