Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JUNOS-SPACE Datasheet(PDF) 3 Page - Juniper Networks, Inc.

Part # JUNOS-SPACE
Description  JUNOS SPACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

JUNOS-SPACE Datasheet(HTML) 3 Page - Juniper Networks, Inc.

  JUNOS-SPACE Datasheet HTML 1Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 2Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 3Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 4Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 5Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 6Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 7Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 8Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 9Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Junos Space Environment
Scalable and Resilient Runtime Environment
Junos Space is implemented as a scalable fabric of physical or
virtual appliances that work collaboratively to help optimize
network resiliency, availability, and resource utilization. You can
expand or contract the fabric by simply adding or deleting nodes;
the system will automatically expand. Each node is fully utilized and
the nodes work together to provide automated resource
management and a base for higher level applications.
The Junos Space Network Management Platform is designed for
carrier-grade reliability and availability. The Space fabric provides
1:1 data base redundancy and transparent switchover of UI
sessions in case of node failure. And Junos Space is built to be
massively scalable. Multiple appliances can be clustered together to
form a single management fabric.
The Junos Space Network Management Platform is multi-tenant
and enables hot-pluggable application deployment and upgrades.
Juniper or third-party applications can be added by downloading
them onto the platform, with the system automatically deploying
the applications throughout the fabric. One of the unique features
of the platform is its use of DMI, a schema-driven, programmatic
interface to allow for easy management of network devices. DMI
makes it possible to import the published schema version and map
out all configuration and operational commands for a given device,
enabling zero day support and future proofing without having to
upgrade or patch the platform.
Enhanced User Experience
Junos Space provides a simple to use Web 2.0 GUI that can be
accessed through standard Web browsers. The GUI is designed to
simplify the way you interact with the system. It is based on a task-
oriented paradigm and uses persona-based workflows to help you
do your administrative tasks quickly and efficiently.
Embedded Network Infrastructure Automation
The Junos Space Network Management Platform provides
centralized, unified, out-of-the-box management for Juniper’s
networking infrastructure. It also provides full element management
functionality for total management of Juniper’s routing, switching,
and security devices. Network element management functions
include:
• Device discovery: Provides a wizard-based interface for near
real-time device discovery to enable operators to quickly bring
network devices under management.
• Topology: Allows operators to have a broad, topological view
of the network including endpoint devices, link information,
bottlenecks and failures, and discovered relationships between
network elements such as devices and interconnections for
devices under management.
• Inventory management: Enables visualization storage and
management of hardware inventory, including chassis-related
information such as serial numbers, software version, location,
and physical subcomponent information such as slots, cards,
and ports for all managed devices. Included is automated
synchronization between hardware inventory, interface
information, and configuration of the device.
• Software image management: Provides centralized, network-
wide deployment of software images and patches to enable
customers to efficiently manage the deployment of Juniper
software. Includes the ability to import software images from
local or networked file system, flexibly schedule software
deployments, stage or deploy software image to one or
multiple devices in a single workflow, image verification for
accuracy, and use of golden image.
• Configuration templates: Enables creation of cookie-cutter,
model-based configuration templates to help optimize and
scale device configurations. Includes schema-driven GUI for
fully customizable configurations, and an audit trail to track
configuration changes. CLI-based template options are also
available.
• Configuration file management: Enables simplified
configuration management that includes import, edit compare,
and backup/restore for individual devices or device groups.
Provides instant visibility into network configuration and
performance correlation, automated configuration deployment
scheduling, validation to minimize syntax errors, and entry
forms for easy creation of template definitions and bulk
modification of configurations.
Figure 2: Configuration Templates
Junos Space Datasheet
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com