Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JUNOS-SPACE Datasheet(PDF) 8 Page - Juniper Networks, Inc.

Part # JUNOS-SPACE
Description  JUNOS SPACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

JUNOS-SPACE Datasheet(HTML) 8 Page - Juniper Networks, Inc.

  JUNOS-SPACE Datasheet HTML 1Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 2Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 3Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 4Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 5Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 6Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 7Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 8Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 9Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Specifications
JA2500
Dimensions (W x H x
D)
17.72 x 17.26 x 3.5 in (45.0 x 43.8 x 8.9 cm)
Weight
1 PS: 27.62 lb (12.52 kg)
2 PS: 30.0 lb (13.6 kg)
Rack mountable
19” rack front and rear or mid-mount
AC power supply
90 to 264 V, 47-63 Hz, 2-6 A, 250 watt AC power module. Dual
redundant option
Efficiency 80Plus certified
Peak inrush current is:
-40 A maximum at 115 VAC and 25 C
80 A maximum at 240 VAC and 25
DC power supply
560 W DC power module
-45 to -60 V DC power supply
Chassis material
18 gauge (.048”) cold-rolled-steel
Fans
2 x 80 mm hot swap redundant fans (2nd optional)
Traffic ports
4 x RJ-45 10/100/1000
2 x IOC slots full height
Console port
1 x RJ-45 serial console
Operating temperature 41° to 104° F (5° to 40° C)
Storage temperature
-40° to 158° F (-40° to 70° C)
Relative humidity
(operating)
8% - 90% non-condensing
Relative humidity
(storage)
5% - 95% non-condensing
Altitude (operating)
10,000 ft maximum
Altitude (storage)
40,000 ft maximum
Safety certifications
• CSA 60950-1 (2003)
• Safety of Information
• Technology Equipment
• UL 60950-1 (2003)
• EN 60950-1 (2001)
• IEC 60950-1 (2001)
• EN 60825-1 +A1+A2 (1994) Safety of Laser Products - Part 1:
Equipment Classification
• EN 60825-2 (2000) Safety of Laser Safety of Optical Fiber
Comm. Systems
Emissions certifications • FCC Class A
• EN 55022 Class A
• EN 55024 Immunity
• EN 61000-3-2
• VCCI Class A
Warranty
Hardware one year and software 90 days
NEBS
No
HDD
6 x 1TB Seagate Constellation.2 7200 2.5” SAS HDD5
RAID 10 array, LSI 2308 controller4 onboard
Memory
32GB memory in a total of 4 DIMM slots (4x8GB DIMM modules) -
DDR3-1600 ECC unbuffered
CPU
Intel Xeon E3-1225v2 3.20GHz, 4C/4T2
77W Quad-Core Processor, 1 HW thread/core
IOC slots
2 x full height
PSU
AC (Dual optional),
(DC optional)
Junos Space Virtual Appliance
Juniper Networks Junos Space Virtual Appliance includes the
complete Junos Space software package as well as the operating
system. It requires users to create a virtual machine in order to
deploy the appliance. The recommended specifications for the
virtual machine are identical to the specifications of the physical
appliance.
Juniper Networks Services and Support
Juniper Networks is the leader in performance-enabling services
that are designed to accelerate, extend, and optimize your high-
performance network. Our services allow you to maximize
operational efficiency while reducing costs and minimizing risk,
achieving a faster time to value for your network. Juniper Networks
ensures operational excellence by optimizing the network to
maintain required levels of performance, reliability, and availability.
For more details, please visit https://www.juniper.net/us/en/
products.html.
Ordering Information
What to Buy
This product adheres to the Juniper Software Advantage pricing
model, thus please be advised of the following items that constitute
an order:
• Junos Space Platform JS-Platform is offered through the
purchase of a perpetual (unlimited term) license. This perpetual
software license excludes Juniper Care Software Advantage,
which must be purchased separately.
• If your order includes a hardware product/platform, select a
hardware license based on your scale and performance
requirements. You need to purchase additional software
licenses to support the base hardware.
• If you are ordering Junos Space Virtual Appliance, you would
be required to procure the necessary hardware separately. For
information on supported hypervisor(s) and virtual machine
(VM) requirements, please refer to the technical
documentation for this product on our website
(www.juniper.net) under the support section.
Juniper Networks products are sold directly as well as through
Juniper partners and resellers. For more information on the Juniper
Software Advantage business model, please visit https://
www.juniper.net/us/en/products/sdn-and-orchestration/junos-
space-platform.html.
For information on how to buy, please visit: https://
www.juniper.net/us/en/how-to-buy/form.html.
Junos Space Datasheet
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com