Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JUNOS-SPACE Datasheet(PDF) 2 Page - Juniper Networks, Inc.

Part # JUNOS-SPACE
Description  JUNOS SPACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

JUNOS-SPACE Datasheet(HTML) 2 Page - Juniper Networks, Inc.

  JUNOS-SPACE Datasheet HTML 1Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 2Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 3Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 4Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 5Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 6Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 7Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 8Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 9Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Key Component of Juniper’s SDN Strategy
Junos Space is a critical component of our SDN strategy as it
provides a centralized management plane for a single point-of-
contact into the network and a common management platform for
managing and creating applications to meet your specific needs.
The Junos Space Network Management Platform and the Junos
Space Management Applications are all accessible through a
northbound Representational State Transfer (REST)-based
Application Programming Interface (API). These open APIs provide
core building blocks for new innovation, with no need to build
solutions from scratch.
They also provide access to all Junos-based devices, serving as a
single entry point that abstracts your network to enable you to
manage, monitor, control and gather insight across your entire
network infrastructure. This enables operators to use their existing
Operations/Business Support Systems (OSS/BSS) deployments and
tap into the rich functionality of both the Junos Space Network
Management Platform and the Management Applications. The
programmability, centralization, and customization aspects of Junos
Space are important as network providers begin to embrace SDN
architectures in their networks.
Automate and Simplify the Network with the Junos Space
Network Management Platform
Junos Space Network Management Platform provides
comprehensive element management of Juniper devices. No other
vendor can manage Juniper devices to the depth and extent of
Junos Space. With the Junos Space Network Management
Platform, you get broad FCAPS capability, same day support for
new devices and Junos releases, a task-specific user interface, and
northbound APIs to easily integrate into existing NMS or OSS/BSS
deployments.
Junos Space Network Management Platform uses multilayered
network abstractions, operator-centric automation schemes, and
the simplicity of a point-and-click user interface to help network
operators in enterprise and service provider organizations scale
their operations, reduce operational complexity, and enable new
applications and services to be brought to market quickly.
With this platform, you get a unified approach for managing Juniper
infrastructure and designing/deploying new services. Junos Space
offers a centralized network management and orchestration
solution to manage both network devices and services through a
single pane of glass for real-time visibility. This means one sign on,
one user interface, one location to manage routers, switches, and
security devices.
Additionally, you scale your network easily with zero-day support of
new devices and operating systems with a schema driven data base,
without having to upgrade the platform. With Junos Space, you get
a highly scalable platform with one cluster (six nodes running in a
fabric configuration) being able to manage the complete network
with up to 25,000 devices.
The Junos Space platform is architected from the ground up and is
based on a service-oriented architecture (SOA). It uses industry-
standard technologies to provide an enhanced user experience,
massive application transparent scale, high availability, and feature
velocity. The Junos Space platform provides a single abstracted
network model across Juniper’s networking infrastructure, and it
extends this to third parties through standards-based
Representational State Transfer (RESTful) APIs. The use of a
standards-based Device Management Interface (DMI), an XML
schema-driven device access API, zero day support for new
devices, and a plug-and-play application environment allows in-
service device and software upgrades. Users can access the Junos
Space platform functionality using a simple Web 2.0 graphical user
interface (GUI), which uses persona-based workflows and
progressive disclosure to enable operator-centric and scope-specific
visibility and control.
Figure 1: Job Management.
Junos Space Datasheet
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com