Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-E Datasheet(PDF) 30 Page - Greenlee Communications

Part # DST-SW-E
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E Datasheet(HTML) 30 Page - Greenlee Communications

Back Button DST-SW-E Datasheet HTML 26Page - Greenlee Communications DST-SW-E Datasheet HTML 27Page - Greenlee Communications DST-SW-E Datasheet HTML 28Page - Greenlee Communications DST-SW-E Datasheet HTML 29Page - Greenlee Communications DST-SW-E Datasheet HTML 30Page - Greenlee Communications DST-SW-E Datasheet HTML 31Page - Greenlee Communications DST-SW-E Datasheet HTML 32Page - Greenlee Communications DST-SW-E Datasheet HTML 33Page - Greenlee Communications DST-SW-E Datasheet HTML 34Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 108 page
background image
306
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
NETcat® Micro NC-100
• Tests shielded twisted pair (STP), unshielded twisted pair (UTP) and
coaxial cables
• TIA/EIA standard wiring pair verification
• Detects shorts, opens, reversed polarity, crossed and split pairs
• Generates three distinct, selectable digital tone patterns for cable tracing
and troubleshooting
• Tracing modes can be adjusted for high performance LAN cables.
• Complete set of connector types standard (telephone, LAN and coax)
• Nested remote allows end-to-end testing of all wiring types
• Simple testing of LAN wiring and phone lines
• Detection of common wiring and connector errors
• Warning of hazardous voltages
• Checks for reversed telephone wires
CAT. NO.
UPC NO.
DESCRIPTION
NC-100
23636
NETcat® Micro Digital Voice Data and Video Wiring Tester
SPECIFICATIONS
Dimensions
150 x 70 x 33mm
Weight
220g including remote unit and battery
Power Source
9V Alkaline battery (PP3)
User Interface
Display LCD
Backlight
Buttons
Icon and seven segment type
Green LED
Four momentary contact push button
Environmental Operating
Temperature
Storage
Temperature
Humidity
0°C to 50°C
-10°C to 60°C
up to 95% non-condensing
Interface
Connections
RJ45 shielded socket
RJ12 6-way socket
F-type threaded female coaxial connectors
Network Split
Pair Detection
Minimum cable
length
2 to 3 meters (5 to 10 ft.) depending on cable type
Pair Tracing
Tones
Alternating frequencies of 577Hz and 983Hz are produced at three user se-
lectable rates. Designed for standard tone probes, but
compatible with precision digital Greenlee tone probes.
NC-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com