Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-E Datasheet(PDF) 98 Page - Greenlee Communications

Part # DST-SW-E
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E Datasheet(HTML) 98 Page - Greenlee Communications

Back Button DST-SW-E Datasheet HTML 94Page - Greenlee Communications DST-SW-E Datasheet HTML 95Page - Greenlee Communications DST-SW-E Datasheet HTML 96Page - Greenlee Communications DST-SW-E Datasheet HTML 97Page - Greenlee Communications DST-SW-E Datasheet HTML 98Page - Greenlee Communications DST-SW-E Datasheet HTML 99Page - Greenlee Communications DST-SW-E Datasheet HTML 100Page - Greenlee Communications DST-SW-E Datasheet HTML 101Page - Greenlee Communications DST-SW-E Datasheet HTML 102Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 108 page
background image
374
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
CAT. NO.
DESCRIPTION
PA8000
PA2303
CrimpALL® tool frame
Replacement EZI-Change™ die screws (2)
CrimpALL® 8000 Series Crimpers
• Ultra-smooth, fully ratcheting crimp cycle with built-in safety release
• Interchangeable die sets of heat-treated steel for long life
• Soft, rubber-embedded handles
• Long-lasting tool that delivers over 50,000 crimp cycles.
• Rugged, double-plated jaw design to increase life span.
• Lifetime warranty on tool; one-year on die sets
• Angled head to prevent awkward wrist bending during operation
• Reduced handle grip distance makes it easy for both small and large hands
• Higher crimp force produced with less hand force so hand doesn’t
tire as quickly
• No breakover hand force – the effort required by most crimpers to make the
last click at the end of the cycle to complete the crimp – the CrimpALL
does the work
• Manufactured using the newest fine blanking technologies.
• EZI-Change™ die screws make changing dies quick and easy – no
screwdriver required
EK50ML Micro Crimping Tool
CAT. NO.
UPC NO. DESCRIPTION
EK50ML12011
03105
Crimping tool kit with 12mm jaw and 110V charger with
carrying case
EK50ML13811
03108
Crimping tool kit with 13.8mm jaw and 110V charger with
carrying case
EK50ML12022
03123
Crimping tool kit with 12mm jaw and 230V charger with
carrying case
EK50ML13822
03124
Crimping tool kit with 13.8mm jaw and 230V charger with
carrying case
EK50ML120B
03128
12mm jaw EK50ML bare tool
EK50ML138B
03130
13.8mm jaw EK50ML bare tool
MBP108
03127
10.8V EK50ML Li-Ion Battery
MBC110
03125
10.8V EK50ML Li-Ion Battery Charger, 110V
MBC230
03126
10.8V EK50ML Li-Ion Battery Charger, 230V
EK50MLCASE
03131
EK50ML Carrying Case
SPECIFICATIONS
Weight
2.2 lbs (1 kg)
EK50ML138B
Note: EK50ML138 is compatible with all Greenlee Kwik Cycle® and
CrimpALL® dies for various types of cables and sizes.
See page 375-377 for the complete line of dies.
• Ergonomic; total weight less than 2.2 lbs
• Crimp 3x faster with 90% less force
• LED work light
• 65% faster crimping cycle vs ratcheting tool.
• 250 crimps per cycle charge when crimping 10AWG wire.
• Patented Jaw Actuation for crimping cycle
• Innovative trigger with PowerSense™ Technology
• Overmolded grip for maximum comfort
• 10.8V Li-Ion battery with charge indicator
Wezag®
Panduit®
Thomas & Betts®
Ideal®
EK50ML120
CS30, CS150
CT-2600,CT-300
Sta-Kon®
EK50ML138
Crimpmaster™
COMPATIBLE DIE SETS
PA8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com