Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-E Datasheet(PDF) 39 Page - Greenlee Communications

Part # DST-SW-E
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E Datasheet(HTML) 39 Page - Greenlee Communications

Back Button DST-SW-E Datasheet HTML 35Page - Greenlee Communications DST-SW-E Datasheet HTML 36Page - Greenlee Communications DST-SW-E Datasheet HTML 37Page - Greenlee Communications DST-SW-E Datasheet HTML 38Page - Greenlee Communications DST-SW-E Datasheet HTML 39Page - Greenlee Communications DST-SW-E Datasheet HTML 40Page - Greenlee Communications DST-SW-E Datasheet HTML 41Page - Greenlee Communications DST-SW-E Datasheet HTML 42Page - Greenlee Communications DST-SW-E Datasheet HTML 43Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
315
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
www.greenlee.com
Optical Fusion Splicer
• Designed to meet virtually any FTTx installation – indoors and out. P2P installations
including backhaul, cellular, and LAN
• Core alignment minimizes splice losses
• Fully compatible with Greenlee® Splice-On Connectors. 250 Splice/ Shrink cycles
per battery charge
SPECIFICATIONS
Applicable Fibers
SM (G.652); MM (G.651); DS (G.653); NZDS (G.655);
BIF (G.657)
Fiber Cleaved Length
10mm
Cladding Diameter
80 to 150μm
Coating Diameter
100 to 1000μm
Fiber Count
Single
Fiber Aligning Method
Auto Core Alignment
Splice Loss (Typical)
0.02 dB (SM); 0.01 dB (MM); 0.04 dB (DS); 0.04 dB
(NZDS & BIF)
Splicing Mode
60 Preset / User Definable Modes
Splice Time (Typical)
9 seconds (SM)
Number Of Splices Per Bat-
tery Charge
250 (including 60mm heat shrink cycle)
Splice-On-Connector
SC, LC, FC, ST
Arc Calibration Mode
Automatic and Manual
Protection Sleeve Length
60mm, 40mm, Micro Sleeves
Storage Of Splice Results
5,000 Results
Tension Test
2N
Fiber Display Magnification
240X
Tube Heating Mode
20 Preset / User Definable Modes
Adjustable 0-240 seconds
Tube Heating Time (Typical)
36 seconds
Attenuator Mode
0.1 to 15 dB
Electrode Life
3,000 Splices
Display
5.7" Color, Turn-Over LCD
Connectivity
RS-232; USB
Operating Conditions
Pressure: 0 to 16,404 feet
(0 to 5,000 meters) above Sea Level
Humidity: 0 to 95%
Temperature: 14 to 122°F (-10 to 50°C)
Storage Conditions
Temperature: -4 to 158°F (-20 to 70°C)
Power Supply
100 to 240V AC Adapter;
Li-ion Battery (6600 mAh)
Weight with Battery
6.92 lbs (3.14 kg)
Dimensions (HxWxD)
7.08" x 6.29" x 6.10" (180 x 160 x 155 mm)
CAT NO.
UPC NO.
DESCRIPTION
910FS
01328
Optical Fusion Splicer
910FS-KIT1
01433
Fusion Splicer & Cleaver Kit
910FS-KIT2
01432
Contractor Fusion Splicer Kit
910FS-ELEC
01329
Replacement Electrodes
910FS-PS
01330
Replacement Power Supply
910CL
01331
Optical Fiber Cleaver
910CL-BLADE
01640
Cleaving Wheel
910FS-250
01332
250µm Adapter
910FS-900
01333
900µm Adapter
910FS-BOWTIE
01334
Bowtie Adapter
910FS-SOC-SC-LC
01335
Adapter, Splice-On Connector, SC & LC
910FS-SOC-ST-FC
02401
Adapter, Splice-On Connector, ST & FC
910FS-BATT
01452
Battery (910FS)
910FS-EUR-CORD
02571
European Line Cord
910FS-UK-CORD
02570
UK Line Cord
910FS-CHARG
02641
Battery Charger
910FS-CAR-ADAPTER
25689
12 V DC Car Adapter
PA1171
12225
ProGrip 5-in-1 Fiber Optic Stripper
PA1171
FIBER OPTIC TEST EQUIPMENT
910FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com