Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2128 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA2128
Description  INA2128 Dual, Low-Power Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2128 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA2128 Datasheet HTML 8Page - Texas Instruments INA2128 Datasheet HTML 9Page - Texas Instruments INA2128 Datasheet HTML 10Page - Texas Instruments INA2128 Datasheet HTML 11Page - Texas Instruments INA2128 Datasheet HTML 12Page - Texas Instruments INA2128 Datasheet HTML 13Page - Texas Instruments INA2128 Datasheet HTML 14Page - Texas Instruments INA2128 Datasheet HTML 15Page - Texas Instruments INA2128 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
6.6 Typical Characteristics (continued)
at TA = +25°C, VS = ±15 V, VREF = 0 V, G = 1, RL = 10 kΩ, and VCM = VS / 2 (unless otherwise noted)
G ≥ 100
Figure 6-25. Voltage Noise 0.1 Hz to 10 Hz Input-Referred
INA2128
SBOS035B – DECEMBER 1995 – REVISED MAY 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA2128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com