Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2128 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA2128
Description  INA2128 Dual, Low-Power Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2128 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA2128 Datasheet HTML 9Page - Texas Instruments INA2128 Datasheet HTML 10Page - Texas Instruments INA2128 Datasheet HTML 11Page - Texas Instruments INA2128 Datasheet HTML 12Page - Texas Instruments INA2128 Datasheet HTML 13Page - Texas Instruments INA2128 Datasheet HTML 14Page - Texas Instruments INA2128 Datasheet HTML 15Page - Texas Instruments INA2128 Datasheet HTML 16Page - Texas Instruments INA2128 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
Figure 7-1 shows the basic connections required for operation of the INA2128. Applications with noisy or high
impedance power supplies may require decoupling capacitors close to the device pins as shown.
The output is referred to the output reference (Ref) terminals (RefA and RefB) which are normally grounded.
These must be low-impedance connections to assure good common-mode rejection. A resistance of 8 Ω in
series with a Ref pin will cause a typical device to degrade to approximately 80 dB CMR (G = 1).
The INA2128 has separate output sense feedback connections, SenseA and Sense B. These must be connected
to their respective output terminals for proper operation. The output sense connection can be used to sense the
output voltage directly at the load for best accuracy.
7.2 Typical Application
Figure 7-1. Basic Connections
www.ti.com
INA2128
SBOS035B – DECEMBER 1995 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA2128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com