Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-4 Datasheet(PDF) 35 Page - Greenlee Communications

Part # DST-SW-4
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-4 Datasheet(HTML) 35 Page - Greenlee Communications

Back Button DST-SW-4 Datasheet HTML 31Page - Greenlee Communications DST-SW-4 Datasheet HTML 32Page - Greenlee Communications DST-SW-4 Datasheet HTML 33Page - Greenlee Communications DST-SW-4 Datasheet HTML 34Page - Greenlee Communications DST-SW-4 Datasheet HTML 35Page - Greenlee Communications DST-SW-4 Datasheet HTML 36Page - Greenlee Communications DST-SW-4 Datasheet HTML 37Page - Greenlee Communications DST-SW-4 Datasheet HTML 38Page - Greenlee Communications DST-SW-4 Datasheet HTML 39Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
311
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Pulser Fault Locator
Wire Finder/Mini Locator
• Identifies the exact location of even the smallest breaks in insulation
by “pulsing” a high-voltage signal that radiates into the earth at the location
of the faults. With the A-frame mounted receiver, a visual analog meter
points the way to the source of the voltage
• Multiple faults on a single wire can be identified indicating the need
to replace instead of repair
• Extra-long test leads feature heavy-duty alligator clips for use on multiple
cable types
• Includes a rechargeable transmitter, receiver, A-frame, ground stake,
120V charger and a 12V DC (cigarette lighter) adapter
• Battery operated (one 12V and one 9V battery are included)
• Molded carrying case included
• Traces energized or non-energized wires in walls and drop ceilings
• Provides reliable results on buried cables to depths of 3' (1 m)
and lengths up to 1000' (308 m)
• Determines the approximate depth of the wire before digging
• Compact design and easy-to-understand operations
• Fully adjustable transmitter and receiver for accurate locating
• Quick change test leads for use in any industry, even international
power outlets
• Voltage protection to allow use on live AC circuits
• Automatic shut-off to prevent accidental battery discharge
• Housed in a durable, molded carrying case with a quick reference operation
guide on the inside of the lid
• Battery-operated: (2) 9V batteries included
SPECIFICATIONS
Power Requirements
Transmitter: (1) 12V rechargeable battery
Receiver: (1) 9V battery
Battery Life
Transmitter: 23 hours per charge; Receiver: 200 hours
Transmitter Power
2400VDC peak
Voltage Protection
240VAC/400VDC
Construction
Transmitter – aluminum housing in polyethylene case
Receiver – powder coated aluminum
Dimensions
Transmitter – 17" x 8.5" x 6.5" (421 mm x 215 mm x 160 mm)
in case
Receiver – 33.5" x 21.75" x 3.25" (840 mm x 550 mm x 8 mm)
on A-Frame
Weight
12.5 lbs. (5.7 kg) complete
SPECIFICATIONS
Power Requirements
(1) 9V each (transmitter and receiver, included)
Battery Life
Transmitter 35 hours nominal; Receiver 20 hours nominal
Transmitter Frequency
447.5kHz
Transmitter Power
9Vp-p (11mW)
Voltage Protection
240VAC/500VDC
Construction
Transmitter/Receiver – high-impact ABS plastic,
Case – vacuum-formed polyethylene
Dimensions
Transmitter – 4" x 2.3" x 1" (101.6 x 58.4 x 25.4 mm), Receiver –
6" x 2.35" x 1" (152.4 x 59.7 x 25.4 mm),
Case – 9.5" x 8" x 3"(241.3 x 203.2 x 76.2 mm)
Weight
2.6 lbs. (1.2 kg)
PE2003
Great complement to any
buried line cable locator.
CAT. NO.
UPC NO.
DESCRIPTION
PE2003
08666
Pulser
2000H
60357
Transmitter (Includes CH1 & CH2)
2000R
60358
Receiver
AF2
60482
A-Frame
CH1
60360
AC Charger
CH2
60361
DC Charger
59F0002
66216
Battery, Replacement (12V 2.5 Ah)
CAT. NO.
UPC. NO
DESCRIPTION
508S
08678
Wire Finder/Mini Locator
508ST
60363
Transmitter
508SR
60364
Receiver
CS14
60366
Alligator Clip Cord set
CS15
60367
AC Outlet Cord set
BURIED FACILITY LOCATION AND MARKING
508S
PE2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com