Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-4 Datasheet(PDF) 4 Page - Greenlee Communications

Part # DST-SW-4
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-4 Datasheet(HTML) 4 Page - Greenlee Communications

  DST-SW-4 Datasheet HTML 1Page - Greenlee Communications DST-SW-4 Datasheet HTML 2Page - Greenlee Communications DST-SW-4 Datasheet HTML 3Page - Greenlee Communications DST-SW-4 Datasheet HTML 4Page - Greenlee Communications DST-SW-4 Datasheet HTML 5Page - Greenlee Communications DST-SW-4 Datasheet HTML 6Page - Greenlee Communications DST-SW-4 Datasheet HTML 7Page - Greenlee Communications DST-SW-4 Datasheet HTML 8Page - Greenlee Communications DST-SW-4 Datasheet HTML 9Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
280
COMMUNICATIONS
TRUSTED
SINCE
1862
NETWORK TESTING
www.greenlee.com
FASTER TIME TO RESULTS
• Ready to test in 15 seconds
• Efficient SLA verification
• Results can be exported for easy sharing
REDUCE TIME TO REPAIR
• All-in-one analyzer that is simple to use and fast to learn, enabling technicians to
quickly determine and resolve network issues, regardless of the source
NO MODULES REQUIRED
• Eliminates the need for multiple test modules
• Combines seven different physical layer test protocols into one complete handheld
testing solution, saving time and money
DESIGNED FOR THE TECHNICIAN
• Ruggedized for demanding environments
• Ergonomically designed to be the lightest and smallest on the market
• Long battery run time provides extended field testing
Test Kits Include:
• DataScout 1G analyzer
• Universal charger with adapter blades
• Padded storage case
• Stylus
• USB adapter
• Wi-Fi® Antenna
DataScout™ 1G
MULTI-NETWORK TEST ANALYZERS
SPECIFICATIONS
Interfaces
Management: LAN 10/100 Base-T
USB: Mini-USB with adapter
Headset: Mini USB connector ear bud
Wi-Fi
802.11 b/g/n
Display & Input
3.5" TFT Touch Screen LCD
Weight
1.65 lbs (0.75 kg) without battery
2.2 lbs (1 kg) with battery
Dimensions
3.94 x 8.27 x 1.66 inches (WxHxD)
100 x 210 x 42 millimeters (WxHxD)
ENVIRONMENTAL
Operating Temperature 0°C to 50°C
Operating Humidity
5% to 90% non condensing
Storage
-10°C to 70°C
Battery
Type: Li Ion battery pack, 7.4V, 4800mAh
Run Time: 7-10 hours typical (varies by test mode)
External Power
Mains: 110-240 VAC, 50-60 Hz
Enclosure
Ruggedized ABS with rubber shell
CONFIGURATION OPTIONS
CAT. NO.
DESCRIPTION
DS1G-SW-BAS
Adds single stream Ethernet tests to
DS1G-PDH1 or PDH2
DS1G-SW-ADV
Adds multiple stream Ethernet and
Y.1564 tests
DS1G-SW-WIFI
Adds Wi-Fi® analysis
DS1G-SW-VOIP
Adds VoIP analysis
DS1G-SW-IPTV
Adds IPTV analysis
DS1G-SW-E1
Adds E1 to T1 analyzer
DS1G-SW-T1
Adds T1 to E1 analyzer
DS1G-SW-DCOM
Adds DATACOM testing
DS1G-SW-CODIR
Adds Co-Directional testing
DS1G-SW-E3
Adds E3 testing to T3 analyzer
DS1G-SW-T3
Adds T3 testing to E3 analyzer
DS1G-SW-C37
IEEE C37.94 Teleprotection analysis
SOFTWARE OPTIONS
CAT. NO.
DESCRIPTION
DS1G-BAS
Ethernet Analyzer
DS1G-PDH1
DS1 analyzer (T1 or E1)
DS1G-PDH2
DS1/DS3 analyzer (T3/T1 or E3/E1)
DS1G-BAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com