Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-4 Datasheet(PDF) 16 Page - Greenlee Communications

Part # DST-SW-4
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-4 Datasheet(HTML) 16 Page - Greenlee Communications

Back Button DST-SW-4 Datasheet HTML 12Page - Greenlee Communications DST-SW-4 Datasheet HTML 13Page - Greenlee Communications DST-SW-4 Datasheet HTML 14Page - Greenlee Communications DST-SW-4 Datasheet HTML 15Page - Greenlee Communications DST-SW-4 Datasheet HTML 16Page - Greenlee Communications DST-SW-4 Datasheet HTML 17Page - Greenlee Communications DST-SW-4 Datasheet HTML 18Page - Greenlee Communications DST-SW-4 Datasheet HTML 19Page - Greenlee Communications DST-SW-4 Datasheet HTML 20Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 108 page
background image
292
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
CableScout™ TV90
• High performance easy to use Time Domain Reflectometer for Coaxial
testing applications
• Employs optimized pulsing and sampling, coupled with advanced
filtering and signal-processing techniques to ensure clean waveform
and easy identification
• Context-sensitive help screens for all functions
• Small, portable and lightweight 2.2 lbs. (1kg)
• Includes rechargeable battery pack
• Includes twisted pair adapter and test probe
CAT. NO.
UPC NO. DESCRIPTION
TV90US
12600
TV90 CableScout™ TDR
THM5BAT
60756
Rechargeable Battery Pack
THM5AC
21729
AC Adapter 110V
TS90-0350
21739
Soft Carrying Case
Environmental Temperature:
Operating:
32° F to 77°F (0° C to +45° C).
Non-Operating:
12° F to 92°F (-20° C to +60° C).
Durability: Survives Drop test of 6 foot (2m) to concrete in soft case
Power: 110 V, 220 V, 240 V with appropriate power adapter
Battery type: 6 AA Alkaline and NiCad rechargeable pack. 4.5 hours
continuous operation with adjustable battery saver modes
Standards
UL, FCC EMI, CAN/CSA, EN, and CE
SPECIFICATIONS
• Easy to operate (help screens available for all functions)
• Fast fault finding with automatic gain and vertical waveform positioning
• One-button Expand/Full View Function and zoom control.
• Precision accuracy 0-200 ft +- 2 ft. 1% beyond.
• Range up to 4000 ft.
• High-resolution with optimizing pulse and sampling and advanced filtering
• Input Protection: 200 VDC + Peak AC.
• Rugged - designed for harsh environments
• Large 7.2-in. high-resolution backlit display.
• International power supply options
TV90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com