Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA293
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293 Datasheet(HTML) 2 Page - Texas Instruments

  INA293 Datasheet HTML 1Page - Texas Instruments INA293 Datasheet HTML 2Page - Texas Instruments INA293 Datasheet HTML 3Page - Texas Instruments INA293 Datasheet HTML 4Page - Texas Instruments INA293 Datasheet HTML 5Page - Texas Instruments INA293 Datasheet HTML 6Page - Texas Instruments INA293 Datasheet HTML 7Page - Texas Instruments INA293 Datasheet HTML 8Page - Texas Instruments INA293 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................5
6.4 Thermal Information ...................................................5
6.5 Electrical Characteristics ............................................5
6.6 Typical Characteristics................................................ 7
7 Detailed Description......................................................13
7.1 Overview................................................................... 13
7.2 Functional Block Diagram......................................... 13
7.3 Feature Description...................................................13
7.4 Device Functional Modes..........................................15
8 Application and Implementation.................................. 16
8.1 Application Information............................................. 16
8.2 Typical Application.................................................... 18
8.3 Power Supply Recommendations.............................19
8.4 Layout....................................................................... 19
9 Device and Documentation Support............................21
9.1 Documentation Support............................................ 21
9.2 Receiving Notification of Documentation Updates....21
9.3 Support Resources................................................... 21
9.4 Trademarks...............................................................21
9.5 Electrostatic Discharge Caution................................21
9.6 Glossary....................................................................21
10 Mechanical, Packaging, and Orderable
Information.................................................................... 21
4 Revision History
Changes from Revision A (June 2021) to Revision B (August 2022)
Page
• Changed Equation 5 ........................................................................................................................................ 17
• Moved the Power Supply Recommendations and Layout sections to the Application and Implementation
section.............................................................................................................................................................. 19
Changes from Revision * (December 2019) to Revision A (June 2021)
Page
• Changed data sheet title from: INA293 –4-V to 110-V, 1-MHz, High-Precision Current Sense Amplifier to:
INA293 –4-V to 110-V, 1.3-MHz, High-Precision Current Sense Amplifier......................................................... 1
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Changed 'high-precision' to 'ultra-precise' in Description section....................................................................... 1
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com