Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA293
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA293 Datasheet HTML 9Page - Texas Instruments INA293 Datasheet HTML 10Page - Texas Instruments INA293 Datasheet HTML 11Page - Texas Instruments INA293 Datasheet HTML 12Page - Texas Instruments INA293 Datasheet HTML 13Page - Texas Instruments INA293 Datasheet HTML 14Page - Texas Instruments INA293 Datasheet HTML 15Page - Texas Instruments INA293 Datasheet HTML 16Page - Texas Instruments INA293 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
7 Detailed Description
7.1 Overview
The INA293 is a high- or low-side current-sense amplifier that offers a wide common-mode range, precision
zero-drift topology, excellent common-mode rejection ratio (CMRR), high bandwidth and fast slew rate. Different
gain versions are available to optimize the output dynamic range based on the application. The INA293 is
designed using a transconductance architecture with a current-feedback amplifier that enables low bias currents
of 20 μA with a common-mode voltage of 110 V.
7.2 Functional Block Diagram
IN+
IN±
OUT
-
+
Buffer
Current
Feedback
VS
GND
RL
R1
R1
Bias
Load
RSENSE
ISENSE
Load
Supply
7.3 Feature Description
7.3.1 Amplifier Input Common-Mode Signal
The INA293 supports large input common-mode voltages from –4 V to +110 V. Because of the internal topology,
the common-mode range is not restricted by the power-supply voltage (VS). This allows for the INA293 to be
used for both low and high side current-sensing applications.
7.3.1.1 Input-Signal Bandwidth
The INA293 –3-dB bandwidth is gain dependent, with several gain options of 20 V/V, 50 V/V, 100 V/V, 200 V/V,
and 500 V/V. The unique multistage design enables the amplifier to achieve high bandwidth at all gains. This
high bandwidth provides the throughput and fast response that is required for the rapid detection and processing
of overcurrent events.
The bandwidth of the device also depends on the applied VSENSE voltage. Figure 7-1 shows the bandwidth
performance profile of the device over frequency as output voltage increases for each gain variation. As shown
in Figure 7-1, the device exhibits the highest bandwidth with higher VSENSE voltages, and the bandwidth is
higher with lower device gain options. Individual requirements determine the acceptable limits of error for high
frequency current-sensing applications. Testing and evaluation in the end application or circuit is required to
determine the acceptance criteria, and to validate that the performance levels meet the system specifications.
www.ti.com
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com