Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA293
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA293 Datasheet HTML 8Page - Texas Instruments INA293 Datasheet HTML 9Page - Texas Instruments INA293 Datasheet HTML 10Page - Texas Instruments INA293 Datasheet HTML 11Page - Texas Instruments INA293 Datasheet HTML 12Page - Texas Instruments INA293 Datasheet HTML 13Page - Texas Instruments INA293 Datasheet HTML 14Page - Texas Instruments INA293 Datasheet HTML 15Page - Texas Instruments INA293 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
6.6 Typical Characteristics (continued)
All specifications at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN- = 0.5 V / Gain, VCM = VIN– = 48 V, unless otherwise noted.
Time (12.5Ps/div)
0V
0V
VCM
VOUT
Figure 6-31. Common-Mode Voltage Fast Transient Pulse
Time (10 Ps/div)
0V
0V
Figure 6-32. INA293x3 Step Response
Time (5 Ps/div)
0V
Supply Voltage
Output Voltage
Figure 6-33. Start-Up Response
Time (50 Ps/div)
0V
Supply Voltage
Output Voltage
Figure 6-34. Supply Transient Response
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com