Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293A3IDBVT Datasheet(PDF) 17 Page - Texas Instruments

Part # INA293A3IDBVT
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A3IDBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA293A3IDBVT Datasheet HTML 13Page - Texas Instruments INA293A3IDBVT Datasheet HTML 14Page - Texas Instruments INA293A3IDBVT Datasheet HTML 15Page - Texas Instruments INA293A3IDBVT Datasheet HTML 16Page - Texas Instruments INA293A3IDBVT Datasheet HTML 17Page - Texas Instruments INA293A3IDBVT Datasheet HTML 18Page - Texas Instruments INA293A3IDBVT Datasheet HTML 19Page - Texas Instruments INA293A3IDBVT Datasheet HTML 20Page - Texas Instruments INA293A3IDBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
• GAIN is the gain of the current-sense amplifier.
• VSN is the negative output swing of the device.
Table 8-1 shows an example of the different results obtained from using five different gain versions of the
INA293. From the table data, the highest gain device allows a smaller current-shunt resistor and decreased
power dissipation in the element.
Table 8-1. RSENSE Selection and Power Dissipation(1)
PARAMETER
EQUATION
RESULTS AT VS = 5 V
A1, B1
DEVICES
A2, B2
DEVICES
A3, B3
DEVICES
A4, B4
DEVICES
A5, B5
DEVICES
G
Gain
20 V/V
50 V/V
100 V/V
200 V/V
500 V/V
VDIFF
Ideal differential input voltage
VDIFF = VOUT / G
250 mV
100 mV
50 mV
25 mV
10 mV
RSENSE
Current sense resistor value
RSENSE = VDIFF / IMAX
25 mΩ
10 mΩ
5 mΩ
2.5 mΩ
1 mΩ
PSENSE
Current-sense resistor power dissipation
RSENSE × IMAX2
2.5 W
1 W
0.5W
0.25 W
0.1 W
(1)
Design example with 10-A full-scale current with maximum output voltage set to 5 V.
8.1.2 Input Filtering
Note
Input filters are not required for accurate measurements using the INA293, and use of filters in this
location is not recommended. If filter components are used on the input of the amplifier, follow the
guidelines in this section to minimize the effects on performance.
Based strictly on user design requirements, external filtering of the current signal may be desired. The initial
location that can be considered for the filter is at the output of the current sense amplifier. Although placing the
filter at the output satisfies the filtering requirements, this location changes the low output impedance measured
by any circuitry connected to the output voltage pin. The other location for filter placement is at the current
sense amplifier input pins. This location satisfies the filtering requirement also, however the components must be
carefully selected to minimally impact device performance. Figure 8-1 shows a filter placed at the input pins.
IN+
IN±
OUT
V
CM
-
+
Buffer
Current
Feedback
V
S
GND
RL
R1
R1
Bias
Load
R
SENSE
I
SENSE
R
IN
R
IN
C
IN
Figure 8-1. Filter at Input Pins
External series resistance provides a source of additional measurement error, so keep the value of these
series resistors to 10 Ω or less to reduce loss of accuracy. The internal bias network shown in Figure 8-1
creates a mismatch in input bias currents (see Figure 6-15, Figure 6-16 and Figure 6-17) when a differential
voltage is applied between the input pins. If additional external series filter resistors are added to the circuit, a
mismatch is created in the voltage drop across the filter resistors. This voltage is a differential error voltage in the
shunt resistor voltage. In addition to the absolute resistor value, mismatch resulting from resistor tolerance can
significantly impact the error because this value is calculated based on the actual measured resistance.
www.ti.com
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com