Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293A3IDBVT Datasheet(PDF) 18 Page - Texas Instruments

Part # INA293A3IDBVT
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A3IDBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA293A3IDBVT Datasheet HTML 14Page - Texas Instruments INA293A3IDBVT Datasheet HTML 15Page - Texas Instruments INA293A3IDBVT Datasheet HTML 16Page - Texas Instruments INA293A3IDBVT Datasheet HTML 17Page - Texas Instruments INA293A3IDBVT Datasheet HTML 18Page - Texas Instruments INA293A3IDBVT Datasheet HTML 19Page - Texas Instruments INA293A3IDBVT Datasheet HTML 20Page - Texas Instruments INA293A3IDBVT Datasheet HTML 21Page - Texas Instruments INA293A3IDBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
The measurement error expected from the additional external filter resistors can be calculated using Equation 4,
where the gain error factor is calculated using Equation 5.
Gain Error (%) = 100
(100
Gain Error Factor)
-
´
(4)
The gain error factor, shown in Equation 4, can be calculated to determine the gain error introduced by the
additional external series resistance. Equation 4 calculates the deviation of the shunt voltage, resulting from
the attenuation and imbalance created by the added external filter resistance. Table 8-2 provides the gain error
factor and gain error for several resistor values.
Gain Error Factor =
RB × R1
(RB × R1) + (RB × RIN) + (2 × RIN × R1)
(5)
Where:
• RIN is the external filter resistance value.
• R1 is the INA293 input resistance value specified in Table 7-1.
• RB in the internal bias resistance, which is 6600 Ω ± 20%.
Table 8-2. Example Gain Error Factor and Gain Error for 10-Ω External Filter Input Resistors
DEVICE (GAIN)
GAIN ERROR FACTOR
GAIN ERROR (%)
INA293x1 (20)
0.997108386
-0.289161432
INA293x2 (50)
0.996512207
-0.348779273
INA293x3 (100)
0.996512207
-0.348779273
INA293x4 (200)
0.995520159
-0.447984072
INA293x5 (500)
0.992555831
-0.744416873
8.2 Typical Application
The INA293 is a unidirectional, current-sense amplifier capable of measuring currents through a resistive shunt
with shunt common-mode voltages from –4 V to +110 V.
GND
MCU
24 V
Solenoid
5 V
INA
R
SENSE
I
SENSE
ADC
Figure 8-2. Current Sensing in a Solenoid Application
8.2.1 Design Requirements
In this example application, the common-mode voltage ranges from 0 V to 24 V. The maximum sense current is
1.5 A, and a 5-V supply is available for the INA293. Following the design guidelines from the RSENSE and Device
Gain Selection section, a RSENSE of 50 mΩ and a gain of 50 V/V are selected to provide good output dynamic
range. Table 8-3 lists the design setup for this application.
Table 8-3. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE
Power supply voltage
5 V
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com