Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293A3IDBVT Datasheet(PDF) 19 Page - Texas Instruments

Part # INA293A3IDBVT
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A3IDBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA293A3IDBVT Datasheet HTML 15Page - Texas Instruments INA293A3IDBVT Datasheet HTML 16Page - Texas Instruments INA293A3IDBVT Datasheet HTML 17Page - Texas Instruments INA293A3IDBVT Datasheet HTML 18Page - Texas Instruments INA293A3IDBVT Datasheet HTML 19Page - Texas Instruments INA293A3IDBVT Datasheet HTML 20Page - Texas Instruments INA293A3IDBVT Datasheet HTML 21Page - Texas Instruments INA293A3IDBVT Datasheet HTML 22Page - Texas Instruments INA293A3IDBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Table 8-3. Design Parameters (continued)
DESIGN PARAMETERS
EXAMPLE VALUE
Common-mode voltage range
0 V to 24 V
Maximum sense current
1.5 A
RSENSE resistor
50 mΩ
Gain option
50 V/V
8.2.2 Detailed Design Procedure
The INA293 is designed to measure current in a typical solenoid application. The INA293 measures current
across the 50-mΩ shunt that is placed at the output of the half-bridge. The INA293 measures the differential
voltage across the shunt resistor, and the signal is internally amplified with a gain of 50 V/V. The output of the
INA293 is connected to the analog-to-digital converter (ADC) of an MCU to digitize the current measurements.
Solenoid loads are highly inductive and are often prone to failure. Solenoids are often used for position control,
precise fluid control, and fluid regulation. Measuring real-time current on the solenoid continuously can indicate
premature failure of the solenoid which can lead to a faulty control loop in the system. Measuring high-side
current also indicates if there are any ground faults on the solenoid or the FETs that can be damaged in an
application. The INA293, with high bandwidth and slew rate, can be used to detect fast overcurrent conditions to
prevent the solenoid damage from short-to-ground faults.
8.2.2.1 Overload Recovery With Negative VSENSE
The INA293 is a unidirectional current sense amplifier that is meant to operate with a positive differential input
voltage (VSENSE). If negative VSENSE is applied, the device is placed in an overload condition and requires time
to recover once VSENSE returns positive. The required overload recovery time increases with more negative
VSENSE.
8.2.3 Application Curve
Figure 8-3 shows the output response of a solenoid.
0
10
20
30
40
0
2
4
6
Time (50 ms/div)
VCM
VOUT
Figure 8-3. Solenoid Control Current Response
8.3 Power Supply Recommendations
The INA293 power supply can be 5 V, whereas the input common-mode voltage can vary between –4 V to 110
V. The output voltage range of the OUT pin, however, is limited by the voltage on the power-supply pin.
8.4 Layout
8.4.1 Layout Guidelines
Attention to good layout practices is always recommended.
• Connect the input pins to the sensing resistor using a Kelvin or 4-wire connection. This connection technique
makes sure that only the current-sensing resistor impedance is detected between the input pins. Poor routing
of the current-sensing resistor commonly results in additional resistance present between the input pins.
Given the very low ohmic value of the current resistor, any additional high-current carrying impedance can
cause significant measurement errors.
www.ti.com
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com