Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO224 Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO224
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224 Datasheet(HTML) 2 Page - Texas Instruments

  ISO224 Datasheet HTML 1Page - Texas Instruments ISO224 Datasheet HTML 2Page - Texas Instruments ISO224 Datasheet HTML 3Page - Texas Instruments ISO224 Datasheet HTML 4Page - Texas Instruments ISO224 Datasheet HTML 5Page - Texas Instruments ISO224 Datasheet HTML 6Page - Texas Instruments ISO224 Datasheet HTML 7Page - Texas Instruments ISO224 Datasheet HTML 8Page - Texas Instruments ISO224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
ISO224
SBAS738A – JUNE 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 5
7.5
Power Ratings........................................................... 5
7.6
Insulation Specifications............................................ 6
7.7
Safety-Related Certifications..................................... 7
7.8
Safety Limiting Values .............................................. 7
7.9
Electrical Characteristics........................................... 7
7.10
Switching Characteristics ........................................ 9
7.11
Insulation Characteristics Curves ......................... 10
7.12
Typical Characteristics .......................................... 11
8
Detailed Description ............................................ 17
8.1
Overview ................................................................. 17
8.2
Functional Block Diagram ....................................... 17
8.3
Feature Description................................................. 18
8.4
Device Functional Modes........................................ 21
9
Application and Implementation ........................ 22
9.1
Application Information............................................ 22
9.2
Typical Application .................................................. 22
9.3
What to Do and What Not to Do ............................. 24
10
Power Supply Recommendations ..................... 25
11
Layout................................................................... 26
11.1
Layout Guidelines ................................................. 26
11.2
Layout Example .................................................... 26
12
Device and Documentation Support ................. 27
12.1
Documentation Support ........................................ 27
12.2
Receiving Notification of Documentation Updates 27
12.3
Community Resources.......................................... 27
12.4
Trademarks ........................................................... 27
12.5
Electrostatic Discharge Caution ............................ 27
12.6
Glossary ................................................................ 27
13
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
Changes from Original (June 2018) to Revision A
Page
•
Changed document status from Advance Information to Production Data ........................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com