Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO224 Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO224
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO224 Datasheet HTML 9Page - Texas Instruments ISO224 Datasheet HTML 10Page - Texas Instruments ISO224 Datasheet HTML 11Page - Texas Instruments ISO224 Datasheet HTML 12Page - Texas Instruments ISO224 Datasheet HTML 13Page - Texas Instruments ISO224 Datasheet HTML 14Page - Texas Instruments ISO224 Datasheet HTML 15Page - Texas Instruments ISO224 Datasheet HTML 16Page - Texas Instruments ISO224 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
VIN (V)
-16
-12
-8
-4
0
4
8
12
16
0
1
2
3
4
5
6
7
D019
VOUTP
VOUTN
VIN (V)
-12 -10
-8
-6
-4
-2
0
2
4
6
8
10
12
-0.01
-0.008
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.008
0.01
D020
fIN (kHz)
0.1
1
10
100
1000
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
D017
ISO224A
ISO224B
fIN (kHz)
0.1
1
10
100
1000
-360°
-315°
-270°
-225°
-180°
-135°
-90°
-45°
0°
D018
ISO224A
ISO224B
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D015
Device 1
Device 2
Device 3
TCEG (ppm/qC)
0
10
20
30
40
50
60
70
D016
13
ISO224
www.ti.com
SBAS738A – JUNE 2018 – REVISED OCTOBER 2018
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD1 = VDD2 = 5 V, and VINP = –12 V to 12 V, unless otherwise noted.
ISO224B
Figure 17. Gain Error vs Temperature
ISO224B
Figure 18. Gain Error Drift Histogram
Figure 19. Normalized Gain vs Input Frequency
Figure 20. Output Phase vs Input Frequency
Figure 21. Output Voltage vs Input Voltage
Figure 22. Nonlinearity vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com