Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO224 Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO224
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO224 Datasheet HTML 17Page - Texas Instruments ISO224 Datasheet HTML 18Page - Texas Instruments ISO224 Datasheet HTML 19Page - Texas Instruments ISO224 Datasheet HTML 20Page - Texas Instruments ISO224 Datasheet HTML 21Page - Texas Instruments ISO224 Datasheet HTML 22Page - Texas Instruments ISO224 Datasheet HTML 23Page - Texas Instruments ISO224 Datasheet HTML 24Page - Texas Instruments ISO224 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
3
2
1
0
2
3
4
5
VDD1 (V)
1
0
5.5
4.5
2.5
3.5
1.5
0.5
VFAILSAFEmax
3.5
2.5
1.5
0.5
Outputs are not specified
in this VDD1 range
21
ISO224
www.ti.com
SBAS738A – JUNE 2018 – REVISED OCTOBER 2018
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 Fail-Safe Output
The ISO224 offers a fail-safe output that simplifies diagnostics on system level. The fail-safe output is active
when the high-side power supply VDD1 of the device is missing, independent of the input signal at the IN pin.
Figure 46 shows that in that case both outputs, OUTP and OUTN, of the device are actively driven close to
GND2 (see the VFAILSAFE specification in the Electrical Characteristics table for details). For easy visualization, an
example with the input signal VIN = 0 V is shown for the valid VDD1 range of 4.5 V to 5.5 V.
Figure 46. ISO224 Failsafe Output Behavior With VIN = 0 V
The ISO224 Fail-Safe Output Feature application report describes an example of a comparator-based circuit that
detects the missing high-side supply in a system.
8.4 Device Functional Modes
The ISO224 is operational when the power supplies VDD1 and VDD2 are applied, as specified in the
Recommended Operating Conditions table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com