Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7640FMDWR Datasheet(PDF) 22 Page - Texas Instruments

Part # ISO7640FMDWR
Description  ISO764xFM Low-Power Quad-Channel Digital Isolators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7640FMDWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7640FMDWR Datasheet HTML 18Page - Texas Instruments ISO7640FMDWR Datasheet HTML 19Page - Texas Instruments ISO7640FMDWR Datasheet HTML 20Page - Texas Instruments ISO7640FMDWR Datasheet HTML 21Page - Texas Instruments ISO7640FMDWR Datasheet HTML 22Page - Texas Instruments ISO7640FMDWR Datasheet HTML 23Page - Texas Instruments ISO7640FMDWR Datasheet HTML 24Page - Texas Instruments ISO7640FMDWR Datasheet HTML 25Page - Texas Instruments ISO7640FMDWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ISO7640FM, ISO7641FM
SLLSE89G – SEPTEMBER 2011 – REVISED JANUARY 2015
www.ti.com
8.3.1 IEC Insulation and Safety-Related Specifications for DW-16 Package
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (Clearance)
Shortest terminal to terminal distance through air
8.3
mm
Minimum external tracking
Shortest terminal to terminal distance across the
L(I02)(1)
8.1
mm
(Creepage)
package surface
Tracking resistance (Comparative
CTI
DIN IEC 60112 / VDE 0303 Part 1
≥400
V
Tracking Index)
Minimum Internal Gap (Internal
Distance through the insulation
0.014
mm
Clearance)
VIO = 500 V, TA = 25°C
>1012
Isolation resistance, Input to
RIO
(2)
Ω
Output
VIO = 500 V, 100°C ≤ TA ≤ TA max
>1011
Barrier capacitance, Input to
VI = 0.4 sin (2πft), f = 1MHz
CIO
(2)
2
pF
Output
CI
(3)
Input capacitance
VI = VCC/2 + 0.4 sin (2πft), f = 1MHz, VCC = 5 V
2
pF
(1)
Per JEDEC package dimensions.
(2)
All pins on each side of the barrier tied together creating a two-terminal device.
(3)
Measured from input pin to ground.
NOTE
Creepage and clearance requirements should be applied according to the specific
equipment isolation standards of an application. Care should be taken to maintain the
creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit-board (PCB) do not reduce this distance.
Creepage and clearance on a PCB become equal according to the measurement
techniques shown in the Isolation Glossary. Techniques such as inserting grooves and/or
ribs on a PCB are used to help increase these specifications.
8.3.2 DIN V VDE V 0884-10 (VDE V 0884-10) Insulation Characteristics
over recommended operating conditions (unless otherwise noted)(4)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
VIORM
Maximum working insulation voltage
1414
VPEAK
After Input/Output safety test subgroup 2/3,
VPR = VIORM x 1.2, t = 10 s,
1697
Partial discharge < 5 pC
Method a, After environmental tests subgroup 1,
VPR
Input-to-output test voltage
VPR = VIORM x 1.6, t = 10 s,
2262
VPEAK
Partial Discharge < 5 pC
Method b1, 100% Production test
VPR = VIORM x 1.875, t = 1 s
2652
Partial discharge < 5 pC
VTEST = VIOTM
VIOTM
Maximum transient overvoltage
t = 60 sec (Qualification)
6000
VPEAK
t = 1 sec (100% Production)
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
(4)
Climatic Classification 40/125/21
22
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: ISO7640FM ISO7641FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com