Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7640FMDWR Datasheet(PDF) 29 Page - Texas Instruments

Part # ISO7640FMDWR
Description  ISO764xFM Low-Power Quad-Channel Digital Isolators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7640FMDWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button ISO7640FMDWR Datasheet HTML 25Page - Texas Instruments ISO7640FMDWR Datasheet HTML 26Page - Texas Instruments ISO7640FMDWR Datasheet HTML 27Page - Texas Instruments ISO7640FMDWR Datasheet HTML 28Page - Texas Instruments ISO7640FMDWR Datasheet HTML 29Page - Texas Instruments ISO7640FMDWR Datasheet HTML 30Page - Texas Instruments ISO7640FMDWR Datasheet HTML 31Page - Texas Instruments ISO7640FMDWR Datasheet HTML 32Page - Texas Instruments ISO7640FMDWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
10 mils
10 mils
40 mils
FR-4
0r ~ 4.5
Keep this
space free
from planes,
traces , pads,
and vias
Ground plane
Power plane
Low-speed traces
High-speed traces
ISO7640FM, ISO7641FM
www.ti.com
SLLSE89G – SEPTEMBER 2011 – REVISED JANUARY 2015
10 Power Supply Recommendations
To ensure reliable operation at all data rates and supply voltages, a 0.1-
μF bypass capacitor is recommended at
input and output supply pins (VCC1 and VCC2). The capacitors should be placed as close to the supply pins as
possible. If only a single primary-side power supply is available in an application, isolated power can be
generated for the secondary-side with the help of a transformer driver such as Texas Instruments' SN6501. For
such applications, detailed power supply design and transformer selection recommendations are available in
SN6501 data sheet (SLLSEA0).
11 Layout
11.1 Layout Guidelines
A minimum of four layers is required to accomplish a low EMI PCB design (see Figure 21). Layer stacking should
be in the following order (top-to-bottom): high-speed signal layer, ground plane, power plane and low-frequency
signal layer.
•
Routing the high-speed traces on the top layer avoids the use of vias (and the introduction of their
inductances) and allows for clean interconnects between the isolator and the transmitter and receiver circuits
of the data link.
•
Placing a solid ground plane next to the high-speed signal layer establishes controlled impedance for
transmission line interconnects and provides an excellent low-inductance path for the return current flow.
•
Placing the power plane next to the ground plane creates additional high-frequency bypass capacitance of
approximately 100 pF/in2.
•
Routing the slower speed control signals on the bottom layer allows for greater flexibility as these signal links
usually have margin to tolerate discontinuities such as vias.
If an additional supply voltage plane or signal layer is needed, add a second power and ground plane system to
the stack to keep it symmetrical. This makes the stack mechanically stable and prevents it from warping. Also the
power and ground plane of each power system can be placed closer together, thus increasing the high-frequency
bypass capacitance significantly.
NOTE
For detailed layout recommendations, see Digital Isolator Design Guide, SLLA284.
11.2 Layout Example
Figure 21. Recommended Layer Stack
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ISO7640FM ISO7641FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com