Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7640FMDWR Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO7640FMDWR
Description  ISO764xFM Low-Power Quad-Channel Digital Isolators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7640FMDWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7640FMDWR Datasheet HTML 9Page - Texas Instruments ISO7640FMDWR Datasheet HTML 10Page - Texas Instruments ISO7640FMDWR Datasheet HTML 11Page - Texas Instruments ISO7640FMDWR Datasheet HTML 12Page - Texas Instruments ISO7640FMDWR Datasheet HTML 13Page - Texas Instruments ISO7640FMDWR Datasheet HTML 14Page - Texas Instruments ISO7640FMDWR Datasheet HTML 15Page - Texas Instruments ISO7640FMDWR Datasheet HTML 16Page - Texas Instruments ISO7640FMDWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
ISO7640FM, ISO7641FM
www.ti.com
SLLSE89G – SEPTEMBER 2011 – REVISED JANUARY 2015
6.14 Supply Current: VCC1 and VCC2 at 2.7 V
VCC1 and VCC2 at 2.7 V (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7640FM
ICC1
0.2
0.6
Disable
EN = 0 V
ICC2
3.3
5
ICC1
0.2
0.7
DC to 1 Mbps
ICC2
3.4
5.1
ICC1
0.4
1.1
10 Mbps
mA
DC Signal: VI = VCC or 0 V,
ICC2
4.4
6.8
AC Signal: All channels switching with square wave clock input; CL =
ICC1
0.8
1.8
15 pF
25 Mbps
ICC2
6
9.5
ICC1
2.7
5
100 Mbps
ICC2
14.2
21
ISO7641FM
ICC1
1.6
2.4
Disable
EN1 = EN2 = 0 V
ICC2
2.8
4.1
ICC1
1.7
2.5
DC to 1 Mbps
ICC2
2.9
4.2
ICC1
2.1
3
10 Mbps
mA
DC Signal: VI = VCC or 0 V,
ICC2
3.8
5
AC Signal: All channels switching with square wave clock input; CL =
ICC1
2.8
3.8
15 pF
25 Mbps
ICC2
5.2
6.7
ICC1
6.4
7.5
100 Mbps
ICC2
11.8
15.5
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ISO7640FM ISO7641FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com